Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 106 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 106 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 102Page - Sumida Corporation SCR1021 Datasheet HTML 103Page - Sumida Corporation SCR1021 Datasheet HTML 104Page - Sumida Corporation SCR1021 Datasheet HTML 105Page - Sumida Corporation SCR1021 Datasheet HTML 106Page - Sumida Corporation SCR1021 Datasheet HTML 107Page - Sumida Corporation SCR1021 Datasheet HTML 108Page - Sumida Corporation SCR1021 Datasheet HTML 109Page - Sumida Corporation SCR1021 Datasheet HTML 110Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 156 page
background image
106
Specifications
1. Noise prevention for TV, VCR, AV, OA equipments.
Features
1. AC common mode choke coil which has excellent attenuation
 characteristics in low frequency band.
Application
LF2115B
PLF2117
Max. 225m
Ω
PLF2117
Min. 2.7mH
1.2A
Parts No.
D.C.R.
Inductance
Rated current
Rated current
(4-1) (3-2)
@20
°C
(4-1) (3-2)
(50/60Hz)
Specifications
Max. 140m
Ω
Max. 240m
Ω
Max. 410m
Ω
Max. 570m
Ω
Max. 1.0
Ω
Max. 1.4
Ω
Max. 2.0
Ω
Max. 2.1
Ω
Max. 3.5
Ω
LF2115BNP-222
LF2115BNP-392
LF2115BNP-682
LF2115BNP-103
LF2115BNP-183
LF2115BNP-223
LF2115BNP-333
LF2115BNP-393
LF2115BNP-603
Min. 2.2mH
Min. 3.9mH
Min. 6.8mH
Min. 10.0mH
Min. 18.0mH
Min. 22.0mH
Min. 33.0mH
Min. 39.0mH
Min. 60.0mH
1.70A
1.30A
900mA
850mA
630mA
560mA
450mA
380mA
280mA
Parts No.
D.C.R.
Inductance
(1-2) (4-3)
@20
°C
(1-2) (4-3)
1. Noise prevention for TV, VCR, AV, OA equipments.
Features
1. Large inductance type in spite of its small size.
2. Excellent attenuation characteristics in low frequency.
Application
EMC < AC Common Mode Choke Coils >
Impedance Characteristics
Max. 21.2
Max. 18.1
3.8
13.0
2
1
3
4
S
S
3.5
14.0
Max. 17.0
Max. 22.0
2
1
3
4
S
or
S
2
1
3
4
SS
10M
110M
1M
10k
100k
1k
FREQUENCY (Hz)
10
100
1k
10k
1M
100k
603
393
333
223
183
103
682
392
222
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
/ 仕様
1. テレビ、
ビデオ、AV、OA機器の発生ノイズ防止。
1. 低周波帯での減衰特性が優れるACコモンモードチョークコイル。
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
品名
直流抵抗
定格電流
定格電流
インダクタンス
/ 仕様
品名
直流抵抗
インダクタンス
/ 特徴
/ 用途
1. テレビ、
ビデオ、AV、OA機器の発生ノイズ防止。
/ 特徴
1. 小型で大インダクタンス。
2. 低周波帯での減衰特性が優れる。
/ 用途
/ インピーダンス特性



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com