Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 117 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 117 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 113Page - Sumida Corporation SCR1021 Datasheet HTML 114Page - Sumida Corporation SCR1021 Datasheet HTML 115Page - Sumida Corporation SCR1021 Datasheet HTML 116Page - Sumida Corporation SCR1021 Datasheet HTML 117Page - Sumida Corporation SCR1021 Datasheet HTML 118Page - Sumida Corporation SCR1021 Datasheet HTML 119Page - Sumida Corporation SCR1021 Datasheet HTML 120Page - Sumida Corporation SCR1021 Datasheet HTML 121Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 156 page
background image
117
Antenna < Transponder : RFID (TX) >
Specifications (Reference)
• Schematics
AS765
DIMENSIONS (mm)
AS737
AS765
AS11635
1.0
Ω (Typ.)
1.0
Ω (Typ.)
1.0
Ω (Typ.)
* It is possible for customer specification at harness length and connector form.
* It is possible for other frequency.
Type Name
Impedance
125.0
± 1.0kHz
125.0
± 1.0kHz
125.0
± 1.0kHz
AS11635
DIMENSIONS (mm)
1. Pre-tune Ant provide high efficiency in your line.
2. Molding improved from environmental suffering. (AS737)
3. It is possible to use as a 3 terminal type.
4. Packaging can be available. (with Harness, Connector and Casing)
• Features
Tuning Frequency
76.0
± 2.0
5.3
± 0.6
77.0
± 1.0
116
± 1.5
69.0
± 1.0
98.5
± 1.2
73.0
± 1.0
2-ø
7.5
AS737
DIMENSIONS (mm)
14.5
± 0.2
73.8
± 0.5
(13.3)
(6.85)
(25.0)
(25.0)
(11.5)
(4.6)
A S 7 3 7
外形寸法図
* It is possible 2 terminal type. (1-2)
C
L
32
1
C
L
21
C
L
21
*(1-2)の2端子仕様とする事も可能です。
AS737
AS765/AS11635
/ 仕様(参考)
/ 結線図
外形寸法図
外形寸法図
* ハーネスの長さ、
コネクタ形状等の仕様は個別対応致します。
* 他の周波数も可能です。
型名
共振インピーダンス
1. プリセット周波数による客先工程の効率化。
2. 封止成型しているので防水性あり。
(AS737)
3. 3端子仕様とする事も可能です。
4. 最終製品パッケージも承っております。
(外装ケース、ハーネス、
コネクタ)
/ 特徴
同調周波数



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com