Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 590 page
background image
Chapter 1 Features
1-2
1.2
Features
•
TX49/H2 core with an integrated IEEE 754-compliant FPU for single- and double-precision operations
•
4-channel SDRAM Controller (32 bit/80 MHz) and support SyncFlash® memory
•
6-channel External Bus Controller (including 2-slot PCMCIA Interface)
•
NAND Flash Controller
•
32-bit PCI Controller (33 MHz)
•
4-channel Direct Memory Access (DMA) Controller
•
2-channel Serial I/O Port
•
Parallel I/O Port (up to 32-bit)
•
SPI (Serial Peripheral Interface)
•
CHI (high-speed serial Concentration Highway Interface)
•
Interrupt Controller
•
3-channel Timer/Counter and 44-bit up-counter RTC
•
AC-Link Controller
•
PCMCIA Interface (2-slot)
•
Supports selection between little endian and big endian modes
•
Low power dissipation
The TX4925 operates with the 1.5 V core and the 3.3 V I/O, while supporting a low-power (Halt) mode.
•
CPU maximum operating frequency: 200 MHz
•
IEEE1149.1 (JTAG) support: Debug Support Unit (Enhanced JTAG)
•
256-pin PBGA package
1.2.1
TX49/H2 Processor Core Features
The TX49/H2 is a high-performance 64-bit microprocessor core developed by Toshiba.
•
64-bit operation
•
32-, 64-bit integer general purpose registers
•
32-bit physical address space and 64-bit virtual address space
•
Optimized 5-stage pipeline
•
Instruction Set
− MIPS I, II , III compatible ISA
− PREF (Prefetch) and MAC (Multiply/Accumulate) instructions.
•
16k Byte Instruction Cache, and 16k Byte Data Cache
− 4-way set associative with lock function
•
MMU (Memory Management Unit): 48-entry fully associative JTLB
•
The on-chip FPU supports both single- and double-precision arithmetic, as specified in IEEE Std
754.
•
On-chip 4-deep write buffer
•
Enhanced JTAG debug feature
− Built-in Debug Support Unit (DSU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com