Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 590 page
background image
Chapter 3 Signals
3-7
3.1.6
Serial I/O Interface Signals
Table 3.1.6 Serial I/O Interface Signals
Signal Name
Type
Description
Initial State
CTS [1:0]*
Input
PU *1
SIO Clear to Send
CTS* signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
RTS [1:0]*
Output
PU *1
SIO Request to Send
RTS* signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
RXD[1:0]
Input
PU *1
SIO Receive Data
Serial data input signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
TXD[1:0]
3-state
Output
PU *1
SIO Transmit Data
Serial data output signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
SCLK
Input
PU
External Serial Clock
SIO clock input signal. SIO0 and SIO1 share this signal.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
*1:
These signals are pulled up for channel 0 only. No pull-up resistor is provided for channel 1.
3.1.7
Timer Interface Signals
Table 3.1.7 Timer Interface Signals
Signal Name
Type
Description
Initial State
TIMER[1:0]
Output
PU
Timer Output
Timer output signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
TCLK
Input
PU
External Timer Clock
Timer input clock signal. TMR0, TMR1, and TMR2 share this signal.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
3.1.8
Parallel I/O Interface Signals
Table 3.1.8 Parallel I/O Interface Signals
Signal Name
Type
Description
Initial State
PIO[31:20]
Input/output
PU
PIO Ports[31:20]
Parallel I/O signals.
The pins are shared with other functions, including PC trace (refer to Section "3.3 Pin
Multiplexing"). The boot configuration signal on the TDO pin determines whether the
signals are used for PC trace.
Selected by
TDO
H: PIO input
L: Output
(PC trace
function)
PIO[19:0]
Input/output
PU *1
PIO Ports[19:0]
Parallel I/O signals.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
Input
*1:
PIO[17:12] do not have pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com