Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 54Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 590 page
background image
Chapter 1 Features
1-5
1.2.2.6
Timers/Counters Controller (TMR)
The TX4925 contains 3-channel timer/counters.
•
3-channel 32-bit up-counter
•
Supports three modes : interval timer mode, pulse generator mode, and watchdog timer mode
•
2 timer output pins
•
1 count clock input pin
1.2.2.7
Parallel I/O Ports (PIO)
The TX4925 contains 32-bit parallel I/O ports
•
Independent selection of direction of pins and output port type (totem-pole or open-drain
outputs) on a per bit basis.
1.2.2.8
AC-Link Controller (ACLC)
AC-Link Controller in TX4925 can be connected to audio and/or modem CODECs described in
the “Audio CODEC ’97 Revision 2.1” (AC’97) and can operate them.
•
AC97 2.1 compliant CODEC register access protocol
•
Up to two CODECs are supported
•
Support Audio CODEC (Recording/Playback of 16-bit PCM Left/Right channels)
− Support Playback of 16-bit Surround, Center, and LFE channels
− Support Variable Rate Audio recording/Playback
•
Support Modem CODEC (Line 1 and GPIO slots)
•
Support AC-link low-power mode, wake-up, and warm-reset
•
Support sample-data I/O via DMA transfer
1.2.2.9
Interrupt Controller (IRC)
Interrupt controller in TX4925 supports both internal and external interrupts to the processor
core. The priority or the value of each interrupt source is programmed in interrupt level registers.
It has a 16-bit flag register to generate interrupt requests to external devices or the TX49/H2
core.
•
Priority process of 21 internal and up to 8 external interrupt sources.
− PCIC, DMAC, SIO, Timer Interrupts, RTC, NAND Flash Controller, ACLC, SPI, CHI,
PIO and External Interrupts
− All of external interrupt signals shares other function signals
•
Edge/Level selectable trigger interrupt
•
Support of Non Mask-able interrupt (NMI)
•
16-bit read/write flag register for interrupt requests, making it possible to issue interrupt
requests to external devices and to the TX49/H2 core (IRC interrupts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com