Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 590 page
background image
Chapter 5 Configuration Register
5-4
Bits
Mnemonic
Field Name
Description
14
TOE
Timeout Enable
for Bus Error
Timeout Enable for Bus Error (Initial value: 0, R/W)
Designates the state of the Bus Error time-out function.
0: Disable time out function.
1: Enable time out function.
13
PCIARB
PCI arbiter
PCI arbiter. (Initial value: ADDR[1], R)
Select PCI arbiter.
Latched from ADDR[1] at RESET.
L: 0: External arbiter
H: 1: Internal arbiter
12:8
Reserved
7:6
SYSSP
SYSCLK Speed
SYSCLK Speed (Initial value: ADDR[4:3], R)
Shows SYSCLK frequency.
LL: 00: SYSCLK speed = GBUSCLK speed/4
LH: 01: SYSCLK speed = GBUSCLK speed/3
HL: 10: SYSCLK speed = GBUSCLK speed/2
HH: 11: SYSCLK speed = GBUSCLK speed
5:4
Reserved
Note: These bits are always set to “11” (Initial value: 11, R/W).
3
PCTRCE
PC Trace Enable
PC Trace Enable (Initial value: TD0, R)
Shows whether PC Trace signals are enable or disable.
0: Disable
1: Enable
2
ENDIAN
Endian
Current Endian Setting (Initial value: ADDR[14], R)
Shows the endian mode.
L: 0: LITTLE ENDIAN
H: 1: BIG ENDIAN
1
WDRST
Watchdog Reset
Status
Watchdog Reset Status (Initial value: 0, R/W1C)
Indicates that a watchdog reset was generated.
0: No watchdog reset occur
1: Watchdog reset occurs
0UAEHOLD
UAE Address
Hold
UAE* Address Hold (Initial value: 1, R/W)
0: Address goes away during the same clock as UAE*.
1: Address is held one clock after the rising edge of UAE*.
Figure 5.2.1 Chip Configuration Register (CCFG) (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com