Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 56Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 590 page
background image
Chapter 3 Signals
3-2
3.1.2
SDRAM Interface Signals
Table 3.1.2 SDRAM Interface Signals
Signal Name
Type
Description
Initial State
SDCLK[1:0]
Output
SDRAM Controller Clock
Clock signals used by SDRAM/SyncFlash. The clock frequency is the same as the G-
Bus clock (GBUSCLK) frequency.
When these clock signals are not used, the pins can be set to L using the SDCLK
Enable field of the pin configuration register (PCFG.SDCLKEN[1:0]).
All High
SDCLKIN
Input/output
SDRAM Feedback Clock input
Feedback clock signal for SDRAM controller input signals.
Input
CKE
Output
Clock Enable
CKE signal for SDRAM/SyncFlash.
High
SDCS[3:0]*
Output
Synchronous Memory Device Chip Select
Chip select signals for SDRAM/SyncFlash.
All High
RAS*
Output
Row Address Strobe
RAS signal for SDRAM/SyncFlash.
High
CAS*
Output
Column Address Strobe
CAS signal for SDRAM/SyncFlash.
High
WE*
Output
Write Enable
WR signal for SDRAM/SyncFlash.
High
DQM[3:0]
Output
Data Mask
During a write cycle, the DQM signals function as a data mask. During a read cycle,
they control the SDRAM output buffers. The bits correspond to the following data bus
signals:
DQM[3]:DATA[31:24], DQM[2]:DATA[23:16]
DQM[1]:DATA[15:8],
DQM[0]:DATA[7:0]
All High
RP*
Output
Initialize/Power Down
RP* signal for SyncFlash.
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com