Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 590 page
background image
Chapter 3 Signals
3-19
Table 3.3.6 Function Selection for PIO[11:8] (5)
PCFG Control Bits
Pin Name
Function
Boot Signal
TDO
SELSIO[0]
SELSIOC[0]
PIO[11]
-
0
-
PIO[11]
TXD[0]
-
1
-
PIO[10]
-
0
-
PIO[10]
RXD[0]
-
1
-
PIO[9]
-
-
0
PIO[9]
RTS[0]
-1
1
PIO[8]
-
-
0
PIO[8]
CTS[0]
-
1
1
Table 3.3.7 Function Selection for PIO[7:5] (6)
Pin Name
Function
Boot Signal
TDO
PIO[7]
-
PIO[7]
(*1)
INT[1]
-
PIO[6]
-
PIO[6]
(*1)
INT[0]
-
PIO[5]
-
PIO[5]
(*1)
SCLK
-
*1: PIO[7:5] : Refer to “*2” of “Table 3.3.1 Multiplexed Pins”.
Table 3.3.8 Function Selection for PIO[4:0] and BC32K (7)
PCFG Control Bits
Pin Name
Function
Boot Signal
TDO
SELDMA[1] SELDMA[0] SELDONE
PIO[4]
-
0
-
-
PIO[4]
DMAACK[1]
-
1
-
-
PIO[3]
-
0
-
-
PIO[3]
DMAREQ[1]
-
1
-
-
PIO[2]
-
-
0
-
PIO[2]
DMAACK[0]
-
-
1
-
PIO[1]
-
-
0
-
PIO[1]
DMAREQ[0]
-
-
1
-
PIO[0]
-
-
-
0
PIO[0]
DMADONE
-
-
-
1
PCST[0]
0
-
-
-
BC32K
BC32K
1
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com