Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 590 page
background image
Chapter 3 Signals
3-5
3.1.4
DMA Interface Signals
Table 3.1.4 DMA Interface Signals
Signal Name
Type
Description
Initial State
DMAREQ[1:0]
Input
PU
DMA Request
DMA transfer request signals from an external I/O device.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
DMAACK[1:0]
Output
DMA Acknowledge
DMA transfer acknowledge signals to an external I/O device.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
DMADONE*
Input/output
PU
DMA Done
DMADONE* is either used as an output signal that reports the termination of DMA
transfer or as an input signal that causes DMA transfer to terminate.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
PIO input
3.1.5
PCI Interface Signals
Table 3.1.5 PCI Interface Signals (1/2)
Signal Name
Type
Description
Initial State
PCICLK[2:1]
Output
PCI Clock
PCI bus clock signals.
A boot configuration signal (ADDR[18]) can determine whether the clock internally
generated in the TX4925 is used as PCICLK. If the TX4925 internal clock is selected,
the clock signals are output from these pins.
When these clock signals are not used, the pins can be set to High-Z using the
PCICLK Enable field of the pin configuration register (PCFG.PCICLKEN[2:1]).
Selected by
ADDR[18]
H: High
L: L
PCICLKIO
Input/output
PCI Feedback Clock
PCI feedback clock input.
A boot configuration signal (ADDR[18]) can determine whether the clock internally
generated in the TX4925 is used as PCICLK. If the TX4925 internal clock is selected,
the clock signals are output and simultaneously fed back to the internal PCI block.
When using the PCI block, therefore, do not set the PCICLK Enable field of the pin
configuration register (PCFG.PCICLKIOEN) to 0.
Selected by
ADDR[18]
H: High
L: Input
PCIAD[31:0]
Input/output
PCI Address and Data
Multiplexed address and data bus.
Input
C_BE[3:0]
Input/output
Command and Byte Enable
Command and byte enable signals.
Input
PAR
Input/output
Parity
Even parity signal for PCIAD[31:0] and C_BE[3:0]*.
Input
FRAME*
Input/output
Cycle Frame
Indicates that bus operation is in progress.
Input
IRDY*
Input/output
Initiator Ready
Indicates that the initiator is ready to complete data transfer.
Input
TRDY*
Input/output
Target Ready
Indicates that the target is ready to complete data transfer.
Input
STOP*
Input/output
Stop
The target sends this signal to the initiator to request termination of data transfer.
Input
ID_SEL
Input
Initialization Device Select
Chip select signal used for configuration access.
Input
DEVSEL*
Input/output
Device Select
The target asserts this signal in response to access from the initiator.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com