Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 590 page
background image
Chapter 5 Configuration Register
5-3
5.2.1
Chip Configuration Register (CCFG)
0xE000
For the bit fields whose initial values are set by boot configuration (refer to Section 3.2), the initial
input signal level and the corresponding register value are indicated.
The following bits are Reserved (Read only). An explanation of the type and default was added so the
default is reflected in the Boot signal.
bit 31: R ~ADDR[10], bit 28: R UAE, bit 27: R ADDR[16]
bit 18: R ADDR[17], bit 12: R ADDR[19]
31
27
26
25
24
23
21
20
19
18
17
16
Reserved
Reserved
RF
BOOTME
PCIMODE
Reserved
TINTDIS
BEOW
R/W
R/W
R
R
R
R/W1C
: Type
0
0
ADDR[8:6]
ADDR[15]
ADDR[0]
0
: Initial value
15
14
13
12
8
765432
1
0
WR
TOE
PCIARB
Reserved
SYSSP
Reserved
PCTRCE
ENDIAN WDRST UAEHOLD
R/W
R/W
R
R
R/W
R
R
R/W1C
R/W
: Type
00
~ADDR[1]
ADDR[4:3]
11
~TDO ADDR[14]
0
1
: Initial value
Bits
Mnemonic
Field Name
Description
31:27
Reserved
26
Reserved
Note: This bit is always set to “0”. (Initial value: 0, R/W)
25:24
RF
Reduced
Frequency
Reduced Frequency (Initial value: 00, R/W)
These bits select the internal bus speed.
00: full speed
01: 1/2 speed
10: 1/4 speed
11: 1/8 speed
23:21
BOOTME
Boot Memory
Boot Memory (Initial value: ADDR[8:6], R)
Shows Boot Memory
000: SyncFlash
001: Reserved
010: Reserved
011: PCIC
100: Reserved
101: EBUSC ch0 at third speed
110: EBUSC ch0 at half speed
111: EBUSC ch0 at full speed
20
PCIMODE
PCI Mode
PCI Mode (Initial value: ADDR[15], R)
Shows the PCI operation mode.
L: Satellite mode
H: Host mode
19:18
Reserved
17
TINTDIS
TX49/H2 core
Timer Interrupt
Disable
TX49/H2 core Timer Interrupt Disable (Initial value: ADDR[0], R)
Shows whether TX49/H2 core Timer Interrupt is enable or disable.
L: Enable
H: Disable
16
BEOW
Bus Error on
Write
Bus Error on Write (Initial value: 0, R/W1C)
Indicates that a bus error was generated by a write operation of the TX49/H2 Core.
Writing a “1” clears the bit.
0: No error occur
1: Error occurs
15
WR
Watchdog Timer
for Reset/NMI
Watchdog Timer for Reset/NMI (Initial value: 0, R/W)
Designates the connection of the Watchdog Timer.
0: Watchdog Timer Interrupt is connected to TX4925 internal NMI*.
1: Watchdog Timer Interrupt is connected to TX4925 internal Reset.
Figure 5.2.1 Chip Configuration Register (CCFG) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com