Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 590 page
background image
Chapter 4 Address Mapping
4-4
Table 4.2.2 Internal Registers (1/8)
Offset Address
Register Size (bit) Register Symbol
Register Name
SDRAM Controller (SDRAMC)
0x8000
32
SDCCR0
SDRAM Channel Control Register 0
0x8004
32
SDCCR1
SDRAM Channel Control Register 1
0x8008
32
SDCCR2
SDRAM Channel Control Register 2
0x800C
32
SDCCR3
SDRAM Channel Control Register 3
0x8020
32
SDCTR
SDRAM Timing Register
0x802C
32
SDCCMD
SDRAM Command Register
0x8030
32
SFCMD
Sync Flash Command Register
External Bus Controller (EBUSC)
0x9000
32
EBCCR0
EBUS Channel Control Register 0
0x9004
32
EBBAR0
EBUS Base Address Register 0
0x9008
32
EBCCR1
EBUS Channel Control Register 1
0x900C
32
EBBAR1
EBUS Base Address Register 1
0x9010
32
EBCCR2
EBUS Channel Control Register 2
0x9014
32
EBBAR2
EBUS Base Address Register 2
0x9018
32
EBCCR3
EBUS Channel Control Register 3
0x901C
32
EBBAR3
EBUS Base Address Register 3
0x9020
32
EBCCR4
EBUS Channel Control Register 4
0x9024
32
EBBAR4
EBUS Base Address Register 4
0x9028
32
EBCCR5
EBUS Channel Control Register 5
0x902c
32
EBBAR5
EBUS Base Address Register 5
0x9030
32
EBCCR6
EBUS Channel Control Register 6
0x9034
32
EBBAR6
EBUS Base Address Register 6
0x9038
32
EBCCR7
EBUS Channel Control Register 7
0x903c
32
EBBAR7
EBUS Base Address Register 7
CHI Module (CHI)
0xA800
32
CTRL
CHI Control Register
0xA804
32
PNTREN
CHI Pointer Enable Register
0xA808
32
RXPTRA
CHI Receive Pointer A Register
0xA80C
32
RXPTRB
CHI Receive Pointer B Register
0xA810
32
TXPTRA
CHI Transmit Pointer A Register
0xA814
32
TXPTRB
CHI Transmit Pointer B Register
0xA818
32
CHISIZE
CHI Size Register
0xA81C
32
RXSTRT
CHI RX Start Register
0xA820
32
TXSTRT
CHI TX Start Register
0xA824
32
HOLD
CHI TX/RX Hold Register
0xA828
32
CLOCK
CHI Clock Register
0xA82C
32
CHIINTE
CHI Interrupt Enable Register
0xA830
32
CHIINT
CHI Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com