Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 590 page
background image
Chapter 3 Signals
3-16
3.3
Pin Multiplexing
The TX4925 has 35 multiplexed pins as shown in Table 3.3.1. Each pin is used for different functions
depending on the settings of the PCFG control register or the TDO boot configuration signal. Table 3.3.2 to
Table 3.3.8 show how to set the function for each pin.
Table 3.3.1 Multiplexed Pins
Pin No.
Signal Name
Shared Functions
B5
PIO[31]
PIO[31]/CARDDIR*/BCLK/TPC[2]
D6
PIO[30]
PIO[30]/CARDREG*/PCST[8]
B6
PIO[29]
PIO[29]/CARD2CSH*/CE5*/INT[7]
*1/PCST[6]
C6
PIO[28]
PIO[28]/CARD2CSL*/CE4*/INT[6]
*1/PCST[7]
A6
PIO[27]
PIO[27]/CARD2WAIT*
*2/CHIOUT/PCST[5]
A4
PIO[26]
PIO[26]/CARD1CSH*/DCLK
C5
PIO[25]
PIO[25]/CARD1CSL*/TPC[3]
A5
PIO[24]
PIO[24]/CARD1WAIT*
*2/TPC[1]
C8
PIO[23]
PIO[23]/SPICLK/PCST[2]
A7
PIO[22]
PIO[22]/SPIIN/PCST[3]
B7
PIO[21]
PIO[21]/SPIOUT/PCST[4]
B9
PIO[20]
PIO[20]/TIMER[0]/CHIFS/PCST[1]
A8
PIO[19]
PIO[19]/TIMER[1]/CHICLK
B8
PIO[18]
PIO[18]/TCLK
*2/CHIDIN
W15
PIO[17]
PIO[17]/AC_SDIN[0]/ND_WE*/TXD[1]
V16
PIO[16]
PIO[16]/AC_SDOUT/ND_RB*/RXD[1]
W16
PIO[15]
PIO[15]/AC_BITCLK/ND_CLE/RTS[1]/INT[5]
*1
Y16
PIO[14]
PIO[14]/AC_SYNC/ND_RE*/CTS[1]/INT[4]
*1
V15
PIO[13]
PIO[13]/AC_SDIN[1]/ND_ALE
Y15
PIO[12]
PIO[12]/AC_RST*/ND_CE*
Y13
PIO[11]
PIO[11]/TXD[0]
W13
PIO[10]
PIO[10]/RXD[0]
W14
PIO[9]
PIO[9]/RTS[0]*/INT[3]
*1
Y14
PIO[8]
PIO[8]/CTS[0]*/INT[2]
*1
U15
PIO[7]
PIO[7]/INT[1]
*1
U13
PIO[6]
PIO[6]/INT[0]
*1
V13
PIO[5]
PIO[5]/SCLK
*3
W11
PIO[4]
PIO[4]/DMAACK[1]
W12
PIO[3]
PIO[3]/DMAREQ[1]
V10
PIO[2]
PIO[2]/DMAACK[0]
V12
PIO[1]
PIO[1]/DMAREQ[0]
U10
PIO[0]
PIO[0]/DMADONE
Y17
BC32K
PCST[0]
V6
BE[3]*/BWE[3]*
*4
CARDIORD*
*4
U6
BE[2]*/BWE[2]*
*4
CARDIOWR*
*4
*1: INT[7:0] are directly input to the IRC. When these signals are not used as interrupt signals, do not
enable interrupts in the IRC.[m2]
*2: TCLK is directly connected to the TCLK pin of the timer module. When this signal is not used as
TCLK, do not enable the external clock (TCLK) in the timer module.
*3: SCLK is directly connected to the SCLK pin of the SIO module. When this signal is not used as
SCLK, do not enable the external clock (SCLK) in the SIO module.
*4: BE[3]*/BWE[3] functions as CARDIORD* when accessing a PCMCIA device and as BE[3]*/BWE[3]
when accessing other devices. Similarly, BE[2]*/BWE[2] functions as CARDIOWR* when accessing
a PCMCIA device and as BE[2]*/BWE[2] when accessing other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com