Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 590 page
background image
Chapter 3 Signals
3-11
3.1.17
Test Signals
Table 3.1.17 Test Signals
Signal Name
Type
Description
Initial State
TEST*
Input
Test Mode Setting
Test pin. This pin must be fixed to High.
Input
SCANENB*
Input
Scan Mode Test Control
Test pin. This pin must be fixed to High.
Input
3.1.18
Power Supply Pins
Table 3.1.18 Power Supply Pins
Signal Name
Type
Description
Initial State
PLL1VDD_A
PLL Power Pins
PLL analog power supply pins.
PLL1VDD_A = 1.5 V
PLL1VSS_A
PLL Ground Pins
PLL analog ground pins.
PLL1VSS_A = 0 V
VccInt
(VDDC)
Internal Power Pins
Digital power supply pins for internal logic. VccInt = 1.5 V.
VccIO
(VDDS)
I/O Power Pins
Digital power supply pins for input/output pins. VccIO = 3.3 V.
Vss
Ground Pins
Digital ground pins. Vss = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com