Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 54Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 55Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 590 page
background image
Chapter 1 Features
1-6
1.2.2.10 high-speed serial Concentration Highway Interface (CHI)
The TX4925 has a CHI module.
•
Contents logic for interfacing to external full-duplex serial time-division-multiplexed (TDM)
communication peripherals
•
Supports ISDN line interface chips and other PCM/TDM serial devices
•
Programmable CHI Interface (numbers of channels, frame rate, bit rate, etc.)
•
supports data rates up to 4.096 Mbps
1.2.2.11 Serial Peripheral Interface (SPI)
The TX4925 has an SPI module.
•
full-duplex, synchronous serial data transfers (data in/out, and clock signals)
•
8-bit or 16-bit data word lengths
•
Programmable SPI baud rate
1.2.2.12 NAND Flash Controller
The TX4925 has a NAND Flash memory Controller.
•
Controlled NAND Flash I/F by Setting Register
•
Supports On-chip ECC (Error Correct Circuit) calculating circuits
1.2.2.13 PCMCIA Interface (PCMCIAI/F)
The TX4925 has a 2 identical full PCMCIA ports.
•
Provide the control signals and accepts the status signals which conform to the PCMCIA
version 2.1 standard
•
Appropriate connector keying and level-shifting buffers required for 3.3 V versus 5 V
PCMCIA interface implementations
1.2.2.14 Real Time Clock (RTC)
The TX4925 has an RTC module.
•
44-bit up-counter
•
Interrupts on alarm, timer, and prior to RTC roll-over
•
Date managed by software
1.2.2.15 Power-down Mode
The TX4925 contains support for implementation of power-down mode.
•
HALT mode (stopping CPU core clock) for TX49/H2 core block
•
Power-down mode (stopping input clock) for individual internal peripheral modules
•
RF (Reduced Frequency) Function (1/1, 1/2, 1/4, 1/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com