Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 590 page
background image
Chapter 3 Signals
3-10
Table 3.1.14 Extended EJTAG Interface Signals (2/2)
Signal Name
Type
Description
Initial State
TPC[3:1]
Output
PC Trace Output
TPC[3:1] output the value of the noncontiguous program counter in sync with DCLK.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
Selected by
TDO
H: PIO input
L: All High
TMS
Input
PU
JTAG Test Mode Select Input
TMS mainly controls state transition in the TAP controller state machine.
Input
TRST*
Input
Test Reset Input
Asynchronous reset input for the TAP controller and debug support unit (DSU).
When an EJTAG probe is not connected, this pin must be fixed to low. When
connecting an EJTAG probe, prevent floating, for example, by connecting a pull-up
resistor. When this signal is deasserted, G-Bus timeout detection is disabled (refer to
Section “5.1.1 Detecting G-Bus Timeout”).
Input
DCLK
Output
Debug Clock
Clock output signal for the real-time debugging system.
When PC trace mode is selected, the TPC[3:1] and PCST signals are output
synchronously. This clock is the TX49/H2 core operating clock (CPUCLK) divided by
3.
The pin is shared with other functions (refer to Section "3.3 Pin Multiplexing").
Selected by
TDO
H: PIO input
L: Low
PCST[8:0]
Output
PC Trace Status Information
Outputs PC trace status and other information.
The pins are shared with other functions (refer to Section "3.3 Pin Multiplexing").
Selected by
TDO
H: PIO input
(PCST[8:1])
BC32K(PC
ST[0])
L: All Low
3.1.15
Clock Signals
Table 3.1.15 Clock Signals
Signal Name
Type
Description
Initial State
MASTERCLK
Input
Master Clock
Input pin for the TX4925 operating clock. A crystal resonator cannot be connected to
this pin because the pin does not contain an oscillator.
Input
C32KIN
Input
32 KHz Crystal Input
Connect this pin and C32KOUT to a 32.768 kHz crystal.
Input
C32KOUT
Output
32 KHz Crystal output
Connect this pin and C32KIN to a 32.768 kHz crystal.
Output
BC32K
Output
PU
Buffer output of 32 KHz Crystal
Buffer output for a 32.768 kHz clock.
Selected by
TDO
H: Output
(BC32K)
L: Low
3.1.16
Initialization Signals
Table 3.1.16 Initialization Signals
Signal Name
Type
Description
Initial State
RESET*
Input
SMT
Reset
Reset signal.
Input
PON*
Input
SMT
Power On Reset
Initializes the CG. For timing, refer to Section "6.3 Power-On Sequence".
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com