Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 590 page
background image
Chapter 3 Signals
3-14
Table 3.2.2 Boot Configuration Specified with the ADDR[19:0], TDO, UAE and SADDR10 Signals (2/2)
Signal
Description
Corresponding
Register Bit
Configuration
Determined at
ADDR[8:6]
Select Boot Memory
Selects boot memory.
HHH = Device connected to channel 0 of the external bus controller
(clock frequency division ratio: 1/1)
HHL = Device connected to channel 0 of the external bus controller
(clock frequency division ratio: 1/2)
HLH = Device connected to channel 0 of the external bus controller
(clock frequency division ratio: 1/3)
HLL = Reserved
LHH = PCI boot
LHL = Reserved
LLH = Reserved
LLL = SyncFlash memory connected to SDRAMC channel 0
EBCCR0.ME
RESET* deassert
edge
ADDR[5]
Boot ACK* Input
Specifies the access mode for external bus controller channel 0. If
SyncFlash is selected as a boot memory device, refer to Table 3.2.3.
L = ACK* Input Mode Enable
H = ACK* Input Mode Disable
EBCCR0.EACK
RESET* deassert
edge
ADDR[4:3]
Select SYSCLK Frequency
Specifies the division ratio of the SYSCLK frequency to the G-Bus clock
(GBUSCLK) frequency.
LL = 4 (SYSCLK frequency = GBUSCLK frequency/4)
LH = 3 (SYSCLK frequency = GBUSCLK frequency/3)
HL = 2 (SYSCLK frequency = GBUSCLK frequency/2)
HH = 1 (SYSCLK frequency = GBUSCLK frequency)
CCFG. SYSSP
PON* deassert edge
ADDR[2]
Reserved
This signal will not be set to 0 upon booting.
If Syncflash is selected as a boot memory device, refer to Table 3.2.3.
RESET*deassert
edge
ADDR[1]
PCI Arbiter Select
Selects a PCI bus arbiter.
H = Built-in PCI bus arbiter.
L = External PCI bus arbiter.
CCFG.PCIARB
RESET* deassert
edge
ADDR[0]
TX49/H2 Internal Timer Interrupt Disable
Specifies whether timer interrupts within the TX49/H2 core are enabled.
H = Disable timer interrupts within the TX49/H2 core.
L = Enable timer interrupts within the TX49/H2 core.
CCFG.TINTDIS
RESET* deassert
edge
TDO
PC Trace
Specifies whether PIO[31:20] and BC32K are used as PC trace signals.
H = Use as PIO[31:20] and BC32K
L = Use as TPC[3:1], PCST[7:0] and DCLK
CCFG.PCTRCE
PON* deassert edge
UAE
Reserved
Used for testing. Because this signal is used for setting a clock
frequency, ensure that the signal will not be set to 0 upon booting.
CCFG.bit[28]
PON* deassert edge
SADDR10
Reserved
Used for testing. Because this signal is used for setting a clock
frequency, ensure that the signal will not be set to 0 upon booting.
PON* deassert edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com