Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 590 page
background image
Chapter 5 Configuration Register
5-11
5.2.8
DMA Request Control Register (DRQCTR)
0xE024
31
16
Reserved
: Type
: Initial value
15
12
11
8
7
4
3
0
DMAREQ[3]
DMAREQ[2]
DMAREQ[1]
DMAREQ[0]
R/W
R/W
R/W
R/W
: Type
0x0
0x0
0x0
0x0
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15:12
DMAREQ[3]
DMA Request 3
DMA Request 3 (Initial value: 0x0, R/W)
This field selects the DMA request source of DMAREQ[3].
0xxx: reserved
1000: SIO ch0. Receive
1001: SIO ch1 Receive
1010: SIO ch0. Transmit
1011: SIO ch1 Transmit
1100: ACLC ch0
1101: ACLC ch1
1110: ACLC ch2
1111: ACLC ch3
11:8
DMAREQ[2]
DMA Request 2
DMA Request 2 (Initial value: 0x0, R/W)
This field selects the DMA request source of DMAREQ[2].
0xxx: reserved
1000: SIO ch0. Receive
1001: SIO ch1 Receive
1010: SIO ch0. Transmit
1011: SIO ch1 Transmit
1100: ACLC ch0
1101: ACLC ch1
1110: ACLC ch2
1111: ACLC ch3
7:4
DMAREQ[1]
DMA Request 1
DMA Request 1 (Initial value: 0x0, R/W)
This field selects the DMA request source of DMAREQ[1].
0xxx: DMAREQ[1] (external signal)
1000: SIO ch0. Receive
1001: SIO ch1 Receive
1010: SIO ch0. Transmit
1011: SIO ch1 Transmit
1100: ACLC ch0
1101: ACLC ch1
1110: ACLC ch2
1111: ACLC ch3
3:0
DMAREQ[0]
DMA Request 0
DMA Request 0 (Initial value: 0x0, R/W)
This field selects the DMA request source of DMAREQ[0].
0xxx: DMAREQ[0] (external signal)
1000: SIO ch0. Receive
1001: SIO ch1 Receive
1010: SIO ch0. Transmit
1011: SIO ch1 Transmit
1100: ACLC ch0
1101: ACLC ch1
1110: ACLC ch2
1111: ACLC ch3
Figure 5.2.8 DMA Request Control Register (DRQCTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com