Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 106 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 106 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 110Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 590 page
background image
Chapter 6 Clocks
6-2
Table 6.1.1 TX4925 Clock Signals (1/2)
Clock
Input/
Output
Description
Related
Configuration Signals
(Refer to Section 3.2)
Related Registers
(Refer to Chapters 5
and 10.)
MASTERCLK Input
Master input clock for the TX4925.
The TX4925 internal clock generator multiplies or
divides MASTERCLK to generate internal clock
pulses.

CPUCLK
Internal
signal
Clock supplied to the TX49/H2 core.
The PLL in the TX4925 generates CPUCLK by
multiplying MASTERCLK. The value of CCFG.RF
can be used to dynamically change the frequency
ratio of CPUCLK to MASTERCLK.
CCFG.RF[1:0]
LL = 10 times MASTERCLK
LH = 5 times MASTERCLK
HL = 2.5 times MASTERCLK
HH = 1.25 times MASTERCLK
CCFG.RF [1:0]
GBUSCLK
Internal
signal
Clock supplied to peripheral blocks on the G-Bus.
The PLL in the TX4925 generates GBUSCLK by
multiplying MASTERCLK. The value of CCFG.RF
can be used to dynamically change the frequency
ratio of GBUSCLK to MASTERCLK.
CCFG.RF[1:0]
LL = 4 times MASTERCLK
LH = 2 times MASTERCLK
HL = 1 times MASTERCLK
HH = 1/2 times MASTERCLK
CCFG.RF [1:0]
GBUSCLKF
Internal
signal
Clock supplied to peripheral blocks on the G-Bus.
The PLL in the TX4925 generates GBUSCLKF by
multiplying MASTERCLK by 4.
The frequency of this clock does not vary with the
value of CCFG.RG. It is used for SDRAMC refresh
counting.

IMBUSCLK
Internal
signal
Clock supplied to peripheral modules on the IM-Bus.
The frequency of IMBUSCLK is half that of
GBUSCLK. In the same way as with GBUSCLK, the
frequency of IMBUSCLK varies with the value of
CCFG.RF.
CCFG.RF [1:0]
IMBUSCLKF
Internal
signal
Clock supplied to peripheral modules on the IM Bus.
The frequency of IMBUSCLKF is half that of
GBUSCLKF. In the same way as with GBUSCLKF,
the frequency of IMBUSCLKF does not vary with the
value of CCFG.RF.
It is used as a SIO baud rate clock or TMR count
clock.

SYSCLK
Output
System clock output from the TX4925. Used by the
devices connected to the external bus controller
(EBUSC).
Boot configuration signals ADDR[4: 3] can set the
frequency ratio of SYSCLK to GBUSCLK.
ADDR[4:3]
LL: GBUSCLK divided by 4
LH: GBUSCLK divided by 3
HL: GBUSCLK divided by 2
HH: GBUSCLK divided by 1
In the same way as with GBUSCLK, the frequency
of SYSCLK varies with the value of CCFG.RF.
The SYSCLKEN bit of the PCFG register can
disable the output of SYSCLK.
Note:To use SYSCLK to access external devices,
the SYSCLK rate must match the EBUSC
channel operating rate. For details, refer to
Section 7.3.8.
ADDR[4: 3]
CCFG.SYSSP
PCFG.SYSCLKEN
CCFG.RF [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com