Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 231 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 231 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 227Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 228Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 229Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 230Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 231Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 232Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 233Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 235Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 590 page
background image
Chapter 9 SDRAM Controller
9-3
9.3
Detailed Explanation
9.3.1
Supported SDRAM Configurations
This controller supports the SDRAM Configurations listed below in Table 9.3.1.
The MW field of the SDRAM Channel Control Register (SDCCRn) can be used to separately set the
data bus width for each channel to either 32 bits or 16 bits.
DATA[15:0] and DQM[1:0] are used when using a 16-bit data bus. DQM[3:2] output High.
DATA[31:16] output an undefined value when DATA[15:0] become the output, but enter the High-Z
state when DATA[15:0] are the input. When in the Big Endian Mode, first external access of the upper
half word (bits 31:16) of the internal data bus is performed, then external access of the lower half word
(bits 15:0) is performed. When in the Little Endian Mode, first external access of the lower half word
(bits 15:0) is performed, then external access of the upper half word (bits 31:16) is performed. When
using a 16-bit data bus, two external access will always be performed even when accessing less than 16
bits of data.
The maximum memory capacity per channel when a 32-bit data bus is configured is 512 MBytes
when using 8 512-Mbit SDRAMs with a 4-bit data bus. The total maximum memory capacity is 2
GBytes when totaling up the four channels.
Table 9.3.1 Supported SDRAM Configurations
SDRAM Configuration
Row Address (bit)
Column Address (bit)
Remarks
1 M
× 16
11
8
2 M
× 811
9
16 Mbit
2-bank
4 M
× 4
11
10
See Note
2 M
× 32
11
9
2 M
× 32
12
8
4 M
× 16
11
10
4 M
× 16
13
8
8 M
× 813
9
2-bank
16 M
× 4
13
10
See Note
2 M
× 32
11
8
4 M
× 16
12
8
8 M
× 812
9
64 Mbit
4-bank
16 M
× 4
12
10
See Note
4 M
× 32
12
8
8 M
× 16
12
9
16 M
× 812
10
128 Mbit
4-bank
32 M
× 4
12
11
See Note
8 M
× 32
13
8
16 M
× 16
13
9
32 M
× 813
10
256 Mbit
4-bank
64 M
× 4
13
11
See Note
32 M
× 16
13
10
64 M
× 813
11
512 Mbit
4-bank
128 M
× 4
13
12
See Note
Note1: The SDRAM Controller logic-wise does support these configurations, but please design
carefully since the memory bus load will be large.
Note2: With this composition, since the memory size of one channel is 512 Mbyte, if the memory area
is mapped from physical address 0, it will overlap with the address area which is used for ROM
area of boot vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com