Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 242 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 242 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 246Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 590 page
background image
Chapter 9 SDRAM Controller
9-14
Bits
Mnemonic
Field Name
Description
3:1
CS
Column Size
Column Size (Initial value: {0,(ADDR[11,12] & (ADDR[8:6]==000))}/000, R/W)
Specifies the column size.
If ADDR[8:6] are 000 during the boot sequence to select SyncFlash as the boot
memory, the value of ADDR[11,12] during the boot sequence are set in CS[1:0].
CS[2] is zero.
000: 256 words (8 bits)
001: 512 words (9 bits)
010: 1024 words (10 bits)
011: 2048 words (11 bits)
100: 4096 words (12 bits)
101 – 111: Reserved
0
MW
Memory Width
Memory Width (Initial value: (ADDR[13] & (ADDR[8:6]==000))/0, R/W)
Specifies the bus width.
If ADDR[8:6] are 000 during the boot sequence to select SyncFlash as the boot
memory, the value of ADDR[13] during the boot sequence is set in this bit.
0: 32 bits
1: 16 bits
Figure 9.4.1 SDRAM Channel Control Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com