Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 306 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 306 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 303Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 304Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 305Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 306Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 310Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 590 page
background image
Chapter 10 PCI Controller
10-44
10.4.18 P2G Configuration Register (P2GCFG)
0xD090
31
16
Reserved
: Type
: Initial value
15
54
321
0
Reserved
Reserved
FTRD
FTA TOBFR TIBFR
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:5
Reserved
4
Reserved
Don’t write one in this bit (Initial value: 0, R/W).
3
FTRD
Force Target
Retry/Disconnect
Force Target Retry/Disconnect (Initial value: 0, R/W)
The PCI Controller executes Retry Termination on a PCI Read access transaction if
this bit is set to “1”. This is a diagnostic function.
2
FTA
Force Target
Abort
Force Target Abort (Initial value: 0, R/W)
The PCI Controller executes a Target Abort on a PCI Read access transaction if this
bit is set to “1”. This is a diagnostic function.
1
TOBFR
Target read FIFO
Reset
Target read FIFO Reset (Initial value: 0, R/W)
The PCI Controller flushes the CORE internal Target Out-Bound FIFO when “1” is
written to this bit. This bit always reads out “0” when it is read. This is a diagnostic
function.
0
TIBFR
Target write FIFO
Reset
Target write FIFO Reset (Initial value: 0, R/W)
The PCI Controller flushes the CORE internal Target In-Bound FIFO when “1” is
written to this bit. This bit always read out “0” when it is read. This is a diagnostic
function.
Figure 10.4.18 P2G Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com