Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 311 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 311 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 315Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 590 page
background image
Chapter 10 PCI Controller
10-49
Bits
Mnemonic
Field Name
Description
18:16
ReqDP
Request D Port
Request D Port (Initial value: 100, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request D Port
(Master D).
111: Makes the PCI Controller Master D.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master D.
010: Makes REQ*[2] Master D.
001: Makes REQ*[1] Master D.
000: Makes REQ*[0] Master D.
15
Reserved
14:12
ReqWP
Request W Port
Request W Port (Initial value: 011, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request W Port
(Master W).
111: Makes the PCI Controller Master W.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master W.
010: Makes REQ*[2] Master W.
001: Makes REQ*[1] Master W.
000: Makes REQ*[0] Master W.
11
Reserved
10:8
ReqXP
Request X Port
Request X Port (Initial value: 010, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request X Port
(Port X).
111: Makes the PCI Controller Master X.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master X.
010: Makes REQ*[2] Master X.
001: Makes REQ*[1] Master X.
000: Makes REQ*[0] Master X.
7
Reserved
6:4
ReqYP
Request Y Port
Request Y Port (Initial value: 001, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request Y Port
(Port Y).
111: Makes the PCI Controller Master Y.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master Y.
010: Makes REQ*[2] Master Y.
001: Makes REQ*[1] Master Y.
000: Makes REQ*[0] Master Y.
3
Reserved
2:0
ReqZP
Request Z Port
Request Z Port (Initial value: 000, R/W)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter Request Z Port
(Port Z).
111: Makes the PCI Controller Master Z.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master Z.
010: Makes REQ*[2] Master Z.
001: Makes REQ*[1] Master Z.
000: Makes REQ*[0] Master Z.
Figure 10.4.22 PCI Bus Arbiter Request Port Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com