Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 4 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 4 of 29
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 36 V
140
168
dB
−40°C ≤ TA ≤ +125°C
140
dB
Supply Current per Amplifier
IS
4.5
4.8
mA
−40°C ≤ TA ≤ +125°C
6
mA
Shutdown Amplifier Current
4.5
6
µA
−40°C ≤ TA ≤ +125°C
7.5
µA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
5
MHz
Slew Rate
Rising
SRRISE
G = −1, RL = 10 kΩ
1.85
V/µs
Falling
SRFALL
G = −1, RL = 10 kΩ
1.8
V/µs
Internal Chopping Frequency
fC
330
kHz
INPUT NOISE
Spectral Density
Current
in
1 kHz
1
pA/√Hz
Voltage
en
1 kHz
4.2
nV/√Hz
Voltage
en P-P
0.1 Hz to 10 Hz
88
nV p-p
en RMS
0.1 Hz to 10 Hz
13.3
nV rms
SHUTDOWN CHARACTERISTICS
−40°C ≤ TA ≤ +125°C
Shutdown Threshold (SD − SDCOM)
Low
VSDL
0.8
V
High
VSDH
2
V
SDCOM Voltage Range
−2.5
+0.15
V
SD Current
I
SD
V
SD − VSDCOM = 0 V
−1.5
−0.5
µA
SDCOM Current
ISDCOM
V
SD − VSDCOM = 0 V
3
6
µA
1
These parameters are guaranteed by design. Thermocouple effects preclude measurements of these voltage levels during automated testing. VOS is measured to a
limit determined by the test equipment capabilities.
2
The input bias current and input offset current are measured using an equivalent source impedance of 100 MΩ || 51 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com