Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices AD8630 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 17 of 29
–50
150
TEMPERATURE (°C)
50
0
5
10
15
20
25
30
35
40
45
–25
0
25
50
75
100
125
SOURCING
SINKING
VS = ±2.5V
Figure 48. ISC vs. Temperature, VS = ±2.5 V
–50
150
TEMPERATURE (°C)
50
0
5
10
15
20
25
30
35
40
45
–25
0
25
50
75
100
125
SOURCING
SINKING
VS = ±15V
Figure 49. ISC vs. Temperature, VS = ±15 V
TIME (1µs/DIV)
VS = ±2.5V
VIN = ±0.5V
G = +1
CL = 200pF
RF = 200Ω
Figure 50. Large Signal Response, VS = ±2.5 V
TIME (10µs/DIV)
VS = ±15V
VIN = ±5V
G = +1
CL = 200pF
RF = 200Ω
Figure 51. Large Signal Response, VS = ±15 V
TIME (500ns/DIV)
VS = ±2.5V
VIN = ±50mV
G = +1
CL = 200pF
Figure 52. Small Signal Response, VS = ±2.5 V
TIME (500ns/DIV)
VS = ±15V
VIN = ±50mV
G = +1
CL = 200pF
Figure 53. Small Signal Response, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com