Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 11 of 29
5
–5
VS (V)
–4
–3
–2
–1
0
1
2
3
4
6 TYPICAL AMPLIFIERS
VCM = VS/2
TA = 25°C
0
5
10
15
20
25
30
35
40
Figure 12. VOS vs. VS
5
–5
TIME (Hours)
–4
–3
–2
–1
0
1
2
3
4
120 TYPICAL AMPLIFIERS
VS = ±15V
0
100
200
300
400
500
600
700
800
900 1000
Figure 13. VOS Long Term Drift
VCM = VS/2
AVERAGE OF 6 TYPICAL AMPLIFIERS
IB (–IN), VS = 30V
IB (+IN), VS = 30V
IB (–IN), VS = 5V
IB (+IN), VS = 5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–500
–400
–300
–200
–100
0
100
200
300
400
500
Figure 14. IB vs. Temperature
AVERAGE OF 6 TYPICAL AMPLIFIERS
VS = 5V
TA = 25°C
IB (–IN)
IB (+IN)
VCM (V)
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–500
–400
–300
–200
–100
0
100
200
300
400
500
Figure 15. IB vs. VCM, VS = 5 V
AVERAGE OF 6 TYPICAL AMPLIFIERS
VS = 30V
TA = 25°C
IB (–IN)
IB (+IN)
VCM (V)
030.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
–500
–400
–300
–200
–100
0
100
200
300
400
500
Figure 16. IB vs. VCM, VS = 30 V
TA = 25°C
VCM = VS/2
IB (–IN)
IB (+IN)
VS (V)
030.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
–500
–400
–300
–200
–100
0
100
200
300
400
500
Figure 17. IB vs. VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com