Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 15 of 29
8.0
0
040
VS (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
5
1015
20
253035
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
Figure 36. IS vs. VS for Various Temperatures
6.0
3.0
–60
150
TEMPERATURE (°C)
3.5
4.0
4.5
5.0
5.5
–30
0
30
60
90
120
VS = ±15V
VS = ±2.5V
Figure 37. IS vs. Temperature
40
0
040
VS (V)
5
10
15
20
25
30
35
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
4
8
12
16
20
24
28
32
36
SD = SDCOM = VS/2
Figure 38. Shutdown IS vs. VS for Various Temperatures
8
0
05.0
SD – SDCOM (V)
1
2
3
4
5
6
7
VS = ±2.5V
SD = –2.5V
0.5
1.0
1.52.0
2.53.0
3.54.0
4.5
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
Figure 39. IS vs. SD − SDCOM Voltage for Various Temperatures, VS = ±2.5 V
8
0
05.0
SD – SDCOM (V)
1
2
3
4
5
6
7
VS = ±15V
SDCOM = 0V
0.5
1.0
1.52.0
2.53.0
3.54.0
4.5
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
Figure 40. IS vs. SD − SDCOM Voltage for Various Temperatures, VS = ±15 V
5
–5
05.0
SD – SDCOM (V)
VS = ±15V
SDCOM = 0V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–4
–3
–2
–1
0
1
2
3
4
ISDCOM AT –55°C
ISD AT –55°C
ISDCOM AT +125°C
ISD AT +125°C
Figure 41. SD and SDCOM Currents vs. SD − SDCOM Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com