Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 8 of 29
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SD
1
–IN
2
+IN
3
V–
4
SDCOM
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THIS PIN
IS NOT CONNECTED INTERNALLY.
–
+
TOP VIEW
(Not to Scale)
ADA4523-1
Figure 3. 8-Lead SOIC_N Pin Configuration
Table 5. 8-Lead SOIC_N Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Shutdown Control Pin.
2
−IN
Inverting Input of the Amplifier.
3
+IN
Noninverting Input of the Amplifier.
4
V−
Negative Power Supply.
5
NIC
Not Internally Connected. This pin is not connected internally.
6
OUT
Amplifier Output.
7
V+
Positive Power Supply.
8
SDCOM
Reference Voltage for SD.
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THIS PIN
IS NOT CONNECTED INTERNALLY.
–
+
1
2
3
4
8
7
6
5
SD
–IN
+IN
V–
SDCOM
V+
OUT
NIC
TOP VIEW
(Not to Scale)
ADA4523-1
Figure 4. 8-Lead MSOP Pin Configuration
Table 6. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SD
Shutdown Control Pin.
2
−IN
Inverting Input of the Amplifier.
3
+IN
Noninverting Input of the Amplifier.
4
V−
Negative Power Supply.
5
NIC
Not Internally Connected. This pin is not connected internally.
6
OUT
Amplifier Output.
7
V+
Positive Power Supply.
8
SDCOM
Reference Voltage for SD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com