Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices AD8630 Datasheet HTML 21Page - Analog Devices AD8630 Datasheet HTML 22Page - Analog Devices AD8630 Datasheet HTML 23Page - Analog Devices AD8630 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 20 of 29
THEORY OF OPERATION
The block diagram and clamp circuits are shown in Figure 64.
+IN
–IN
SDCOM
SD
SD
OUT
V–
V+
D1
D2
R1
100Ω
D3
D9
D10
D13
D7
D8
D4
D_ESD
R2
100Ω
LOGIC
I1
0.5µA
I2
2.5µA
V+
V+
V–
D11
D12
V+
V–
V–
R3
10kΩ
R4
10kΩ
+
–
Figure 64. Block Diagram and Clamp Circuits (SD Is the Internal Shutdown)
INPUT VOLTAGE NOISE
Chopper stabilized amplifiers, such as the ADA4523-1, achieve
low offset and 1/f noise by heterodyning dc and flicker noise to
higher frequencies. In a typical chopper stabilized amplifier, this
process results in idle tones at the chopping frequency and its
odd harmonics.
The ADA4523-1 uses circuitry to suppress these spurious artifacts
to below the offset voltage. The typical ripple magnitude at the
330 kHz chopping frequency is less than 1 µV rms.
The input voltage noise spectral density of the ADA4523-1 is
shown in Figure 20. If lower noise is required, see Figure 75 in
the Applications Information section.
INPUT CURRENT NOISE
For applications with high source impedances, input current
noise can be a significant contributor to the total output noise.
For this reason, it is important to consider noise current
interaction with circuit elements placed at the inputs of the
amplifier.
The input current noise spectral density of the ADA4523-1 is
shown in Figure 22 and as measured by the circuit in Figure 65,
with a shunt capacitance (CEXT) = 0 pF. The characteristic curve
shows no 1/f behavior. As with all zero drift amplifiers, there is a
significant current noise component at the offset nulling
frequency, which is discussed further in the Input Bias Current
section.
It is important to note that the current noise is not equal to 2qIB,
where q is the charge of an electron, 1.6 × 10−19Coulombs.
This formula is relevant for base current in bipolar transistors
and diode currents. However, for most chopper and autozero
amplifiers with switched inputs, the dominant current noise
mechanism is not shot noise.
1MΩ
CEXT
TEST CIRCUIT
+
–
Figure 65. Input Current Noise Spectrum Test Circuit
INPUT BIAS CURRENT
The input bias current of the ADA4523-1 comprises two
different currents, leakage and charge injection. Leakage
current increases with temperature, while the charge injection
current from the switching input remains relatively constant
with temperature. The composite of these two currents over
temperature is shown in Figure 14.
How the various input bias currents behave and contribute to
error depends on the nature of the source impedance. For the
input bias currents specified in Table 1 and Table 2, the source
impedances are high value resistors bypassed with CEXT, in the
same configuration as shown in Figure 65. Figure 66 shows the
effective dc error as an input referred current error (output dc
voltage error divided by gain and then by the source resistance)
as a function of CEXT. Note that the effective dc error decreases
as the capacitance increases. The added CEXT also reduces the
input referred current noise density as shown in Figure 67.
250
100
0
500
CEXT (pF)
115
130
145
160
175
190
205
220
235
50
100
150
200
250
300
350
400
450
VS = ±15V
ONE RANDOMLY SELECTED INPUT
Figure 66. Effective IB vs. CEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com