Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices AD8630 Datasheet HTML 21Page - Analog Devices AD8630 Datasheet HTML 22Page - Analog Devices AD8630 Datasheet HTML 23Page - Analog Devices AD8630 Datasheet HTML 24Page - Analog Devices AD8630 Datasheet HTML 25Page - Analog Devices AD8630 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 22 of 29
To minimize thermocouple induced errors, attention must be
given to circuit board layout and component selection. It is good
practice to minimize the number of junctions in the input signal
path of the op amp and to avoid connectors, sockets, switches, and
relays whenever possible. If such components are required,
select these components for low thermal EMF characteristics.
Furthermore, match the number, type, and layout of junctions
for both inputs with respect to thermal gradients on the circuit
board, which can involve deliberately introducing dummy
junctions to offset unavoidable junctions.
Air currents can also lead to thermal gradients and cause
significant noise in measurement systems. It is important to
prevent airflow across sensitive circuits because doing so often
reduces thermocouple noise substantially.
A summary of techniques is shown in Figure 70.
POWER DISSIPATION
Because the ADA4523-1 can operate at a 36 V total supply, take
care with respect to power dissipation in the amplifier. When
driving heavy loads at high voltages, use the θJA of the package
to estimate the resulting die temperature rise and ensure that
the resulting junction temperature does not exceed specified
limits. In addition, consider PCB metallization and heat sinking
when high power dissipation is expected.
The ADA4523-1 LFCSP features lower package thermal
resistances compared to its standard counterparts. The LFCSP
exposed pad facilitates heat sinking. The exposed bottom pad
must be soldered to the PCB, and due to its internal connection
to V−, connecting the exposed pad to V− is a requirement. For
more efficient heat sinking, it is recommended that the exposed
pad have as much PCB metal connected to the pad as reasonably
available.
Thermal information for the ADA4523-1 packages can be
found in the Thermal Resistance section.
HEAT SOURCE/
POWER DISSIPATOR
THERMAL
GRADIENT
1CUT SLOTS IN PCB FOR THERMAL ISOLATION.
2INTRODUCE DUMMY JUNCTIONS AND COMPONENTS TO OFFSET UNAVOIDABLE JUNCTIONS OR CANCEL THERMAL EMFS.
3ALIGN INPUTS SYMMETRICALLY WITH RESPECT TO THERMAL GRADIENTS.
4INTRODUCE DUMMY TRACES AND COMPONENTS FOR SYMMETRICAL THERMAL HEAT SINKING.
5LOADS AND FEEDBACK CAN DISSIPATE POWER AND GENERATE THERMAL GRADIENTS. BE AWARE OF THEIR THERMAL EFFECTS.
6COVER CIRCUIT TO PREVENT AIR CURRENTS FROM CREATING THERMAL GRADIENTS.
5
3
2
2
RELAY
MATCHING RELAY
VTHERMAL
VTHERMAL
VIN
6
4
RF
RG
ADA4523-1
–IN
+IN
RG
RF
NC
5
RL
1
Figure 70. Techniques for Minimizing Thermocouple Induced Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com