Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 14 of 29
1k
0.01
100
10M
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
VS = ±2.5V
G = +1
G = +10
G = +100
Figure 30. Closed-Loop Output Impedance (ZOUT) vs. Frequency, VS = ±2.5 V
1k
0.01
100
10M
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
VS = ±15V
G = +1
G = +10
G = +100
Figure 31. Closed-Loop ZOUT vs. Frequency, VS =±15 V
10G
100
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
1k
10k
100k
1M
10M
100M
1G
VS = ±2.5V
Figure 32. ZOUT vs. Frequency in Shutdown
0.1
0.00001
0.01
10
20
OUTPUT AMPLITUDE (V rms)
0.1
1
0.0001
0.001
0.01
–60
–140
–120
–100
–80
G = –1, RL= 10kΩ
G = –1, RL= 2kΩ
G = –1, RL= 600Ω
G = +1, RL= 10kΩ
G = +1, RL= 2kΩ
G = +1, RL= 600Ω
VS = ±15V
fIN = 1kHz
MEASUREMENT BANDWIDTH = 80kHz
Figure 33. Total Harmonic Distortion plus Noise (THD + N) vs.
Output Amplitude (fIN Is the Input Frequency)
10
10k
FREQUENCY (Hz)
0.1
0.0001
0.001
0.01
–60
–140
–120
–100
–80
0.00001
G = –1, RL = 10kΩ
G = –1, RL = 2kΩ
G = –1, RL = 600Ω
G = +1, RL = 10kΩ
G = +1, RL = 2kΩ
G = +1, RL = 600Ω
VS = ±15V
VOUT = 3.5V rms
MEASUREMENT BANDWIDTH = 80kHz
100
1k
Figure 34. THD + N vs. Frequency
15.0
0
1k
10M
FREQUENCY (Hz)
2.5
5.0
7.5
10.0
12.5
10k
100k
1M
VS = ±15V
VS = ±2.5V
OUTPUT IS LIMITED BY
FULL POWER BANDWIDTH
Figure 35. Maximum Undistorted Output Amplitude vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com