Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices AD8630 Datasheet HTML 21Page - Analog Devices AD8630 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 18 of 29
10p
30n
CL (F)
100
0
10
20
30
40
50
60
70
80
90
100p
1n
10n
VS = ±2.5V
G = +1
POSITIVE OVERSHOOT
NEGATIVE OVERSHOOT
POSITIVE OVERSHOOT, RS = 5Ω
NEGATIVE OVERSHOOT, RS = 5Ω
Figure 54. Small Signal Overshoot vs. CL, VS = ±2.5 V
10p
30n
CL (F)
100
0
10
20
30
40
50
60
70
80
90
100p
1n
10n
VS = ±15V
G = +1
POSITIVE OVERSHOOT
NEGATIVE OVERSHOOT
POSITIVE OVERSHOOT, RS = 5Ω
NEGATIVE OVERSHOOT, RS = 5Ω
Figure 55. Small Signal Overshoot vs. CL, VS = ±15 V
1k
100
10
1
100p
1n
10n
1µ
100n
10µ
CL (F)
VS = ±2.5V TO ±15V
G = +1
TA = 25°C
10% OVERSHOOT
30% OVERSHOOT
BETTER STABILITY
Figure 56. Output Series Resistance (RS) vs. CL and Overshoot
TIME (5µs/DIV)
VS = ±15V
G = +1
VOUT
(0.5mV/DIV)
VIN
(8V/DIV)
VOUT WITH AVERAGING
VOUT
0V
Figure 57. Large Signal Positive Settling Transient
TIME (2.5µs/DIV)
VOUT
(0.5mV/DIV)
VIN
(8V/DIV)
VOUT WITH AVERAGING
VOUT
0V
VS = ±15V
G = +1
Figure 58. Large Signal Negative Settling Transient
160
0
10M
4G
FREQUENCY (Hz)
20
40
60
80
100
120
140
100M
1G
VS = 30V
G = +1
VIN = –10dBm
VCM = VS/2
EMIRR = 20log(VIN,PEAK/VOUT,DC)
Figure 59. EMI Rejection Ratio (EMIRR) +IN vs. Frequency
(VIN, PEAK Is the Peak Input Voltage and VOUT, DC Is the DC Output Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com