Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 7 of 29
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, V+ to V−
40 V
Input Voltage
+IN and −IN1
V− − 0.3 V to V+ + 0.3 V
SD and SDCOM
V− − 0.3 V to V+ + 0.3 V
Input Current
+IN and −IN1
±10 mA
SD and SDCOM
±10 mA
Output Short-Circuit Duration2
Indefinite
Temperature Range
Operating
−40°C to +125°C
Junction
−65°C to +150°C
Storage
−65°C to +150°C
Lead Temperature, Soldering (10 sec)
300°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
4.0 kV
Field Induced Charge Device Model
(FICDM)3
2.0 kV
1
Limit the input current to less than 10 mA. The input voltage must not
exceed 300 mV beyond the power supply. These limits are set by the ESD
protection structures at the input pins.
2
A heat sink may be required to keep the junction temperature below the
absolute maximum rating when the output is shorted indefinitely.
3
JESD22-C101 (ESD FICDM standard of JEDEC) applicable standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the junction to ambient, thermal resistance.
θJC is the junction to case, thermal resistance. For θJC on the
exposed pad package, such as CP-8-29, heat sink applies to the
package bottom exposed pad only.
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
R-8
120
39
°C/W
RM-8
163
40
°C/W
CP-8-29
43
5.5
°C/W
1
Measured with JEDEC 4-layer high effective thermal conductivity board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com