Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 10 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
VOS (µV)
70
0
10
20
30
40
50
60
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5 2.0 2.5 3.0
VS = ±2.5V
N= 160
µ = –0.055µV
σ = 0.219µV
Figure 6. Input Offset Voltage (VOS) Distribution, VS = ±2.5 V
(N Is Total Number of Amplifiers, μ is Mean, and σ is Standard Deviation)
VOS (µV)
–3.0 –2.5 –2.0 –1.5 –1.0 –0.5
0
0.5 1.0 1.5 2.0 2.5 3.0
40
0
5
10
15
20
25
30
35
VS =±15V
N= 160
µ = 0.602µV
σ =0.524µV
Figure 7. VOS Distribution, VS = ±15 V
–30 –25 –20 –15 –10
–5
0
5
10
15
20
25
30
80
0
TCVOS (nV/°C)
20
40
60
70
10
30
50
VS = ±2.5V
N = 160
TA = –40°C TO +125°C
µ = 0.595nV/°C
σ = 1.06nV/°C
Figure 8. Input Offset Drift (TCVOS) Distribution, VS = ±2.5 V
–30 –25 –20 –15 –10
–5
0
5
10
15
20
25
30
30
25
20
15
10
5
0
TCVOS (nV/°C)
VS = ±15V
N = 160
TA = –40°C TO +125°C
µ = 2.94nV/°C
σ = 3.08nV/°C
Figure 9. TCVOS Distribution, VS = ±15 V
–1
5
5
–5
VCM (V)
–4
–3
–2
–1
0
1
2
3
4
01
23
4
6 TYPICAL AMPLIFIERS
VS = 5V
TA= 25°C
Figure 10. VOS vs. VCM, VS = 5 V
030
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
101520
25
6 TYPICAL AMPLIFIERS
VS = 30V
TA= 25°C
VCM (V)
Figure 11. VOS vs. VCM, VS = 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com