Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 1 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
36 V, Low Noise, Zero Drift Op Amp
Data Sheet
ADA4523-1
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Supply voltage range: 4.5 V to 36 V
Offset voltage: ±4 µV maximum at 5 V
Offset voltage drift: 0.01 µV/°C maximum at 5 V
Input noise
Voltage: 88 nV p-p from 0.1 Hz to 10 Hz typical
Spectral density voltage: 4.2 nV/√Hz typical at 1 kHz
Rail-to-rail output
Unity-gain stable
GBP: 5 MHz typical
Slew rate: 1.8 V/µs typical falling
PSRR: 168 dB typical at VS = 4.5 V to 36 V
Open-loop voltage gain: 160 dB typical at VOUT = −14.75 V to
+14.75 V, RL = 10 kΩ, VS = 30 V
CMRR: 160 dB typical at VCM = −15.1 V to +13.5 V,VS = 30V
Integrated EMI filters
Shutdown mode
Ground sense
Available in 8-lead SOIC, 8-lead MSOP, and 8-lead LFCSP
APPLICATIONS
High resolution data acquisition
Reference buffering
Test and measurement
Electronic scales
Thermocouple amplifiers
Strain gages
Low-side current sense
GENERAL DESCRIPTION
The ADA4523-1 is a high voltage, low noise, zero drift op amp
that offers precision dc performance over a wide supply range of
4.5 V to 36 V. Offset voltage and 1/f noise are suppressed,
allowing this op amp to achieve a maximum offset voltage of
±4 µV and a 0.1 Hz to 10 Hz input noise voltage of 88 nV p-p
typical. The self calibrating circuitry of the ADA4523-1 results in
low offset voltage drift with temperature (0.01 µV/°C maximum)
and zero drift over time. Additionally, the ADA4523-1 uses
on-chip filtering to achieve high immunity to electromagnetic
interference (EMI).
Wide supply range, combined with low noise, low offset, 168 dB
power supply rejection ratio (PSRR), and 160 dB common-mode
rejection ratio (CMRR), make the ADA4523-1 well suited for high
dynamic range test, measurement, and instrumentation systems.
TYPICAL APPLICATION DIAGRAM
R3
5.62kΩ
R2
750Ω
R1
1kΩ
R4
2Ω
C1
4.7µF
C2
47nF
C3
47µF
C4
0.1µF
C5
0.1µF
ADA4523-1
LT6202
VOUT
8V TO 12.6V
8V TO 36V
+
–
+
–
C8
20µF
(FILM)
R5
10kΩ
C7
2.2µF
C6
0.1µF
LTC6655-5
VIN
VOUT_F
SHDN
8V TO 13.2V
VOUT_S
Figure 1. Precision Filtering Voltage Reference Buffer
The ADA4523-1 provides a rail-to-rail output swing and an
input common-mode range that includes the V− rail (V− − 0.1 V
to V+ − 1.5 V).
AD8628
LTC2057
ADA4522-1
ADA4523-1
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
100k
1
10
100
Figure 2. Input-Referred Voltage Noise Density vs. Frequency, Zero Drift
Amplifier Family Comparison
COMPANION PRODUCTS
Voltage References: LTC6655 and ADR4525
Low Noise High Speed Amplifier: LT6202
ADC: LTC2500-32
Low Noise, Low Dropout Regulators: LT3093 and LT3042
Additional companion products for the ADA4523-1 can be
found in the Related Products section.


Similar Part No. - AD8630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8630 AD-AD8630 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8630 AD-AD8630 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8630 AD-AD8630 Datasheet
879Kb / 24P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8630 AD-AD8630 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8630 AD-AD8630 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
More results

Similar Description - AD8630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
Low Noise, Low Drift FET Op Amp
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Analog Devices
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Texas Instruments
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V02 Datasheet
3Mb / 38P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com