Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 5 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 5 of 29
30 V ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15 V (V+ = +15 V and V− = −15 V), and VCM = VOUT = 0 V, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT AND DC CHARACTERISTICS
Offset Voltage1
VOS
±0.5
±5
µV
−40°C ≤ TA ≤ +125°C
±7
µV
Offset Voltage Drift1
TCVOS
−40°C ≤ TA ≤ +125°C
±0.02
µV/°C
Input Bias Current2
IB
125
300
pA
−40°C ≤ TA ≤ +125°C
600
pA
Input Offset Current2
IOS
250
600
pA
−40°C ≤ TA ≤ +125°C
800
pA
Input Voltage Range
IVR
−40°C ≤ TA ≤ +125°C
−15.1
+13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −15.1 V to +13.5 V
140
160
dB
VCM = −15 V to +13.5 V, −40°C ≤ TA ≤ +125°C
140
Input Resistance
RIN
Differential
47
kΩ
Common Mode
100
GΩ
Input Capacitance
CIN
Differential
13
pF
Common Mode
20
pF
Open-Loop Voltage Gain
AV
VOUT = −14.75 V to +14.75 V, RL = 10 kΩ
140
160
dB
−40°C ≤ TA ≤ +125°C
140
dB
OUTPUT CHARACTERISTICS
Output Low Voltage Swing
VOL
VOL = VOUT − V−
No load
12
20
mV
No load, −40°C ≤ TA ≤ +125°C
30
mV
ISINK = 1 mA
50
75
mV
ISINK = 1 mA, −40°C ≤ TA ≤ +125°C
100
mV
ISINK = 5 mA
215
300
mV
ISINK = 5 mA, −40°C ≤ TA ≤ +125°C
400
mV
Output High Voltage Swing
VOH
VOH = V+ − VOUT
No load
2.5
10
mV
No load, −40°C ≤ TA ≤ +125°C
20
mV
ISOURCE = 1 mA
25
40
mV
ISOURCE = 1 mA, −40°C ≤ TA ≤ +125°C
55
mV
ISOURCE = 5 mA
110
150
mV
ISOURCE = 5 mA, −40°C ≤ TA ≤ +125°C
200
mV
Short-Circuit Current
ISC
Sourcing
+25/
+36/
mA
Sinking
−25
−30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 36 V
140
168
dB
−40°C ≤ TA ≤ +125°C
140
dB
Supply Current per Amplifier
Is
4.5
5
mA
−40°C ≤ TA ≤ +125°C
6
mA
Shutdown Amplifier Current
10
15
µA
−40°C ≤ TA ≤ +125°C
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com