Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices AD8630 Datasheet HTML 21Page - Analog Devices AD8630 Datasheet HTML 22Page - Analog Devices AD8630 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 19 of 29
TIME (1µs/DIV)
VS = ±2.5V
G = –10
RF = 10kΩ
CL = 100pF
VIN
(500mV/DIV)
VOUT
(2V/DIV)
Figure 60. Negative Output Overload Recovery, VS = ±2.5 V
VIN
(2V/DIV)
VOUT
(5V/DIV)
TIME (1µs/DIV)
VS = ±15V
G = –10
RF = 10kΩ
CL = 100pF
Figure 61. Negative Output Overload Recovery, VS = ±15 V
VIN
(500mV/DIV)
VOUT
(2V/DIV)
TIME (1µs/DIV)
VS = ±2.5V
G = –10
RF = 10kΩ
CL = 100pF
Figure 62. Positive Output Overload Recovery, VS = ±2.5 V
VIN
(2V/DIV)
VOUT
(5V/DIV)
TIME (1µs/DIV)
VS = ±15V
G = –10
RF = 10kΩ
CL = 100pF
Figure 63. Positive Output Overload Recovery, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com