Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 31Page - Texas Instruments THS7313 Datasheet HTML 32Page - Texas Instruments THS7313 Datasheet HTML 33Page - Texas Instruments THS7313 Datasheet HTML 34Page - Texas Instruments THS7313 Datasheet HTML 35Page - Texas Instruments THS7313 Datasheet HTML 36Page - Texas Instruments THS7313 Datasheet HTML 37Page - Texas Instruments THS7313 Datasheet HTML 38Page - Texas Instruments THS7313 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
www.ti.com
Channel Register Bit Descriptions
EXAMPLE – WRITING TO THE THS7313
THS7313
SLOS483 – NOVEMBER 2005
Each bit of the sub-address (channel selection) control register as described above allows the user to individually
control the functionality of the THS7313. The benefit of this process allows the user to control the functionality of
each channel independent of the other channels. The bit description is decoded in Table 3.
Table 3. THS7313 Channel Register Bit Decoder Table
BIT
FUNCTION
BIT
RESULT
VALUE(S)
(MSB)
STC Low Pass Filter Selection
0 0
500-kHz Filter – Useful for poor video sync signals
7, 6
0 1
2.5-MHz Filter – Useful for reasonable sync signals
1 0
5-MHz Filter – Useful for good sync signals
1 1
5-MHz Filter – Useful for good sync signals
5
Input MUX Selection
0
Input A Select
1
Input B Select
4 , 3
Reserved
X X
Do Not Care
2, 1, 0
Input Bias Mode Selection and
0 0 0
Disable Channel – Conserves Power
(LSB)
Disable Control
0 0 1
Channel On – Mute Function – No Output
0 1 0
Channel On – DC Bias Select
0 1 1
Channel On – DC Bias + 135 mV Offset Select
1 0 0
Channel On – AC Bias Select
1 0 1
Channel On – Sync Tip Clamp with Low Bias
1 1 0
Channel On – Sync Tip Clamp with Mid Bias
1 1 1
Channel On – Sync Tip Clamp with High Bias
Bits 7 (MSB) and 6 – Controls the AC-Sync Tip Clamp Low Pass Filter function. If AC-STC mode is not used,
this function is ignored.
Bit 5 – Controls the input MUX of the THS7313.
Bits 4 and 3 – Reserved for future functionality. The values of these bits do not affect the THS7313.
Bits 2, 1, and 0 (LSB) – Selects the input biasing of the THS7313 and the power-savings function. When
Sync-Tip Clamp is selected, the DC input sink bias current is also selectable.
The proper way to write to the THS7313 is illustrated as follows:
An I2C master initiates a write operation to the THS7313 by generating a start condition (S) followed by the
THS7313 I2C address (as shown below), in MSB first bit order, followed by a 0 to indicate a write cycle. After
receiving an acknowledge from the THS7313, the master presents the subaddress (channel) it wants to write
consisting of one byte of data, MSB first. The THS7313 acknowledges the byte after completion of the
transfer. Finally the master presents the data it wants to write to the register (channel) and the THS7313
acknowledges the byte. The I2C master then terminates the write operation by generating a stop condition
(P). Note that the THS7313 does not support multi-byte transfers. To write to all three channels – or registers
– this procedure must be repeated for each register one series at a time (i.e., repeat steps 1 through 8 for
each channel).
Step 1
0
I2C Start (Master)
S
Step 2
7
6
5
4
3
2
1
0
I2C General Address (Master)
0
1
0
1
1
X
X
0
Where each X Logic state is defined by I2C-A1 and I2C-A0 pins being tied to either Vs+ or GND.
Step 3
9
I2C Acknowledge (Slave)
A
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com