Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 23Page - Texas Instruments THS7313 Datasheet HTML 24Page - Texas Instruments THS7313 Datasheet HTML 25Page - Texas Instruments THS7313 Datasheet HTML 26Page - Texas Instruments THS7313 Datasheet HTML 27Page - Texas Instruments THS7313 Datasheet HTML 28Page - Texas Instruments THS7313 Datasheet HTML 29Page - Texas Instruments THS7313 Datasheet HTML 30Page - Texas Instruments THS7313 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
www.ti.com
17
20
19
18
GND
16
CH.2 IN B
CH.3 IN B
15
I2C-A0
SDA
VS+ 11
14
13
12
SCL
CH. 3 SAG
I2C-A1
CH.1 IN B
CH.2 IN A
CH.3 IN A
CH.1 IN A
NC
CH.3 OUT
CH. 2 SAG
CH.2 OUT
CH. 1 SAG
CH.1 OUT
NC
1
2
3
4
5
6
7
8
9
10
+
+
+
+
+
+
R
R
R
3.3 V
75 W
75 W
75 W
75 W
CVBS
Out
75 W
75 W
75 W
0.1 F
m
0.01 F
m
+Vs
100 F
m
0.1 F
m
0.1 F
m
47 F
m
47 F
m
33 F
m
33 F
m
0.1 F
m
* (See Note A)
*
*
I C
Controller
2
AC STC
AC STC
AC Bias
DC + 135 mV
DC + 135 mV
DC + 135 mV
DAC /
Encoder
(THS8200)
CVBS
Y’
C’
SDTV
CVBS
S-Video Y’
S-Video C’
480i
576i
G’B’R’
External
Input
CVBS
S-Video C’
S-Video Y’
75 W
75 W
C’
Out
Y’
Out
S-Video
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
When SAG correction is used, low frequency gain is higher than the high frequency gain (8.1 dB vs. 6 dB). This
gain counter acts the attenuation of the signal due to the increase in the 47-
µF capacitor impedance. This
amplifier gain increase is determined by the 33-
µF capacitor (and associated internal resistor values) and causes
a Q enhancement to occur at low frequencies – typically at about 15-Hz. The ratio of these capacitors
determines the frequency and amplitude of this enhancement.
The internal resistor values were chosen to optimize the system while using the 47-
µF and 33-µF capacitors and
to approximate the performance of a single 330-
µF capacitor. These capacitors can be a different value if
desired, but the characteristics of the system are altered accordingly. For example, if 22-
µF capacitors is used for
both sections, then there are increases in line tilt and field tilt. But, for some systems this may be considered
acceptable depending on the application. Using larger values, such as 68
µF and 47 µF respectively, decreases
field time distortion even further approaching performance of a single 470-
µF capacitor.
It is important to note that the dc gain is about 2.55 V/V. Thus, if the input has a dc bias, the output dc bias is
2.55 times the input. For example, this results in an output bias point of 345 mV for the dc + 135 mV shift.
Additionally, if the ac bias input mode is selected, the dc operating point is Vs/4 X 2.55, or 2.1 V with 3.3-V
supply and 3.2 V with 5-V supply. This additional offset should not hinder the performance of the THS7313 as
there is still plenty of voltage headroom between the dc operating point and the rail-to-rail output capability.
One possible concern about this configuration is the low frequency gain enhancement may cause saturation of
the signal when low power supply voltages - such as 3 V - are used. Thus, the internal resistors were chosen to
minimize the low frequency gain such that saturation is minimized. Other SAG correction parts have much higher
low frequency gain (10 dB or higher), which when coupled with low power supply voltages, can easily create
clipping on the output of the amplifier both dynamically and dc. Other SAG correction parts do not use a resistor
in series with the SAG pin. Neglecting this resistor can result in a large Q enhancement causing possible
saturation issues. These systems typically require much larger feedback capacitor values to minimize this
problem which ultimately minimizes the benefits of SAG correction.
Figure 55 shows a SAG corrected configuration for the THS7313. If a s-video chroma channel is being
configured, there is no reason for SAG correction as the coupling capacitor is typically small at 0.1
µF. Thus,
tying the output pin directly to the SAG output pin is recommended along with a 0.1-
µF capacitor.
A.
If the SAG correction capacitors are more than 15 mm from the THS7313, add a 0.01
µF capacitor as shown.
Figure 55. Typical SDTV CVBS/Y'/C' System Driving SAG Corrected AC-Coupled Video Lines
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com