Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 5Page - Texas Instruments THS7313 Datasheet HTML 6Page - Texas Instruments THS7313 Datasheet HTML 7Page - Texas Instruments THS7313 Datasheet HTML 8Page - Texas Instruments THS7313 Datasheet HTML 9Page - Texas Instruments THS7313 Datasheet HTML 10Page - Texas Instruments THS7313 Datasheet HTML 11Page - Texas Instruments THS7313 Datasheet HTML 12Page - Texas Instruments THS7313 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
www.ti.com
PIN CONFIGURATION
THS7313
SLOS483 – NOVEMBER 2005
THS7313PW
TSSOP (20-Pin)
(Top View)
A.
NC indicates there is no internal connection to these pins. It is recommended, but not required, to connect these pins
to GND.
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
N/C
1, 20
No Internal Connection. It is recommended, but not required, to connect these pins to GND
CH. 1 – INPUT A
2
Video Input Channel 1. Input A
CH. 2 – INPUT A
3
Video Input Channel 2. Input A
CH. 3 – INPUT A
4
Video Input Channel 3. Input A
CH. 1 – INPUT B
5
Video Input Channel 1. Input B
CH. 2 – INPUT B
6
Video Input Channel 2. Input B
CH. 3 – INPUT B
7
Video Input Channel 3. Input B
I2C-A1
8
I2C Slave Address Control Bit A.1 Connect to Vs+ for a logic 1 preset value or GND for a logic 0 preset value.
I2C-A0
9
I2C Slave Address Control Bit A0. Connect to Vs+ for a logic 1 preset value or GND for a logic 0 preset value.
GND
10
Ground reference pin for all internal circuitry
Vs+
11
Positive Power Supply Input Pin. Connect to 2.7 V to 5 V
Serial data line of the I2C bus. The pull-up resistor should have a minimum value = 2-k
Ω and a maximum
SDA
12
value = 19-k
Ω. Pull up to Vs+
I2C bus Clock Line. The pull-up resistor should have a minimum value = 2-k
Ω and a maximum value = 19 kΩ.
SCL
13
Pull up to Vs+
CH. 3 - SAG
14
Video output channel 3 SAG Correction Pin. If SAG is not used, connect directly to CH. 3 – OUTPUT pin.
CH. 3 – OUTPUT
15
Video output channel 3 from either CH. 3 – INPUT A or CH. 3 – INPUT B
CH. 2 - SAG
16
Video output channel 2 SAG correction pin. If SAG is not used, connect directly to CH. 2 – OUTPUT pin.
CH. 2 – OUTPUT
17
Video output channel 2 from either CH. 2 – INPUT A or CH. 2 – INPUT B
CH. 1 - SAG
18
Video output channel 1 SAG correction pin. If SAG is not used, connect directly to CH. 1 – OUTPUT pin.
CH. 1 – OUTPUT
19
Video output channel 1 from either CH. 1 – INPUT A or CH. 1 – INPUT B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com