Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 15Page - Texas Instruments THS7313 Datasheet HTML 16Page - Texas Instruments THS7313 Datasheet HTML 17Page - Texas Instruments THS7313 Datasheet HTML 18Page - Texas Instruments THS7313 Datasheet HTML 19Page - Texas Instruments THS7313 Datasheet HTML 20Page - Texas Instruments THS7313 Datasheet HTML 21Page - Texas Instruments THS7313 Datasheet HTML 22Page - Texas Instruments THS7313 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
www.ti.com
17
20
19
18
GND
16
CH.2 IN B
CH.3 IN B
15
I 2C-A0
SDA
VS+ 11
14
13
12
SCL
CH. 3 SAG
I 2C-A1
CH.1 IN B
CH.2 IN A
CH.3 IN A
CH.1 IN A
NC
CH.3 OUT
CH. 2 SAG
CH.2 OUT
CH. 1 SAG
CH.1 OUT
NC
DAC /
Encoder
(THS8200)
3.3 V
1
2
3
4
5
6
7
8
9
10
CVBS
Y’
C’
75 W
75 W
75 W
75 W
75 W
75 W
75 W
0.1 F
m
0.01 F
m
100 F
m
0.1 F
m
0.1 F
m
R
R
R
CVBS
Out
470 F
m
470 F
m
0.1 F
m
(See Note A)
(See Note A)
+
+
+
+
+Vs
I C
Controller
2
SDTV
CVBS
S-Video Y’
S-Video C’
480i
576i
G’B’R’
AC STC
AC STC
AC Bias
DC + 135 mV
DC + 135 mV
DC + 135 mV
External
Input
CVBS
S-Video C’
S-Video Y’
75 W
75 W
C’
Out
Y’
Out
S-Video
INPUT MODES OF OPERATION – DC
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
A.
Due to the high frequency content of the video signal, it is recommended, but not required, to add a 0.01-
µF capacitor
in parallel with these large capacitors.
Figure 47. Typical SDTV CVBS/Y'/C' Inputs From DC-Coupled Encoder/DAC and
AC-Coupled External Inputs With AC-Coupled Line Driving
The inputs to the THS7313 allows for both ac coupled and dc coupled inputs. Many DAC’s or video encoders
can be dc connected to the THS7313. But, one of the drawbacks to dc coupling is when 0 V is applied to the
input of the THS7313. Although the input of the THS7313 allows for a 0-V input signal, the output swing of the
THS7313 cannot yield a 0-V signal. This applies to any traditional single-supply amplifier due to the limitations of
the output transistors. Both CMOS and bipolar transistors cannot go to 0 V while sinking a significant amount of
current. This trait of a transistor is also the same reason why the highest output voltage is always less than the
power supply voltage when sourcing a significant amount of current.
The internal gain is fixed at 6 dB (2 V/V) regardless of the configuration of the THS7313, and dictates what the
allowable linear input voltage range is without clipping concerns. For example, if the power supply is set to 3 V,
the maximum output is about 2.9 V. Thus, to avoid clipping, the allowable input is 2.9 V / 2 = 1.45 V. This is true
for up to the maximum recommended 5-V power supply that allows about a 4.9 V / 2 = 2.45 V input range while
avoiding clipping on the output.
The input impedance of the THS7313 in this mode of operation is >1 M
Ω. This is due to the input buffer being
configured as a unity gain amplifier as shown in Figure 48.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com