Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 28Page - Texas Instruments THS7313 Datasheet HTML 29Page - Texas Instruments THS7313 Datasheet HTML 30Page - Texas Instruments THS7313 Datasheet HTML 31Page - Texas Instruments THS7313 Datasheet HTML 32Page - Texas Instruments THS7313 Datasheet HTML 33Page - Texas Instruments THS7313 Datasheet HTML 34Page - Texas Instruments THS7313 Datasheet HTML 35Page - Texas Instruments THS7313 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
www.ti.com
SCL
SDA
Data Line
Stable;
Data Valid
Change of Data Allowed
Start
Condition
Clock Pulse for
Acknowledgement
Acknowledge
Not Acknowledge
Data Output
by Receiver
Data Output
by Transmitter
SCL From
Master
S
1
2
8
9
SCL
SDA
MSB
Slave Address
Data
Stop
1
2
3
4
5
6
7
8
9
9
1
2
3
4
5
6
7
8
9
Acknowledge
Acknowledge
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
Figure 59. I2C Bit Transfer
Figure 60. I2C Acknowledge
Figure 61. I2C Address and Data Cycles
During a write cycle, the transmitting device must not drive the SDA signal line during the acknowledge cycle, so
that the receiving device may drive the SDA signal low. After each byte transfer following the address byte, the
receiving device pulls the SDA line low for one SCL clock cycle. A stop condition is initiated by the transmitting
device after the last byte is transferred. An example of a write cycle can be found in Figure 62 and Figure 63.
Note that the THS7313 does not allow multiple write transfers to occur. See example section – Writing to the
THS7313 for more information.
During a read cycle, the slave receiver acknowledges the initial address byte if it decodes the address as its
address. Following this initial acknowledge by the slave, the master device becomes a receiver and
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com