Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 26Page - Texas Instruments THS7313 Datasheet HTML 27Page - Texas Instruments THS7313 Datasheet HTML 28Page - Texas Instruments THS7313 Datasheet HTML 29Page - Texas Instruments THS7313 Datasheet HTML 30Page - Texas Instruments THS7313 Datasheet HTML 31Page - Texas Instruments THS7313 Datasheet HTML 32Page - Texas Instruments THS7313 Datasheet HTML 33Page - Texas Instruments THS7313 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
www.ti.com
17
20
19
18
GND
16
CH.2 IN B
CH.3 IN B
15
I2C-A0
SDA
VS+ 11
14
13
12
SCL
CH.3 SAG
I2C-A1
CH.1 IN B
CH.2 IN A
CH.3 IN A
CH.1 IN A
NC
CH.3 OUT
CH.2 SAG
CH.2 OUT
CH.1 SAG
CH.1 OUT
NC
1
2
3
4
5
6
7
8
9
10
+
+
+
+
External
Input
External
Input
DAC /
Encoder
CVBS
CVBS
17
20
19
18
GND
16
CH.2 IN B
CH.3 IN B
15
I2C-A0
SDA
VS+ 11
14
13
12
SCL
CH. 3 SAG
I2C-A1
CH.1 IN B
CH.2 IN A
CH.3 IN A
CH.1 IN A
NC
CH.3 OUT
CH. 2 SAG
CH.2 OUT
CH. 1 SAG
CH.1 OUT
NC
1
2
3
4
5
6
7
8
9
10
+
+
+
THS7303
THS7313
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
75 W
R
(130 W)
R
(130 W)
R
(130 W)
R
(130 W)
R
(130 W)
R
(130 W)
Y’
Out
P’
Out
B
P’
Out
R
P’R
P’R
P’B
P’B
Y’
Y’
C’
Out
Y’
Out
S-Video
S-Video C’
S-Video
C’
S-Video
Y’
S-Video Y’
CVBS
Out
470 F
(See Note A)
m
470 F
(See Note A)
m
470 F
(See Note A)
m
100 F
m
0.01 F
m
1 F
m
0.1 F
m
1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
3.3 V
3.3 V
470 F
m
(See Note A)
470 F
m
(See Note A)
0.1 F
m
0.1 F
m
3.3 V
100 F
m
I C
Controller
2
I C
Controller
2
I C Address = 0101100
2
I C Address = 0101110
2
AC STC
AC STC
AC STC
AC Bias
AC Bias
+V
S
AC Bias
DC + 135 mV
DC + 135 mV
DC + 135 mV
DC + 135 mV
DC + 135 mV
DC + 135 mV
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
A.
Due to the high frequency content of the video signal, it is recommended, but not required, to add a 0.01-
µF capacitor
in parallel with these large capacitors.
Figure 57. Typical 6-Channel HDTV and SDTV Encoder Interfacing to a THS7303 and a THS7313
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com