Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 3Page - Texas Instruments THS7313 Datasheet HTML 4Page - Texas Instruments THS7313 Datasheet HTML 5Page - Texas Instruments THS7313 Datasheet HTML 6Page - Texas Instruments THS7313 Datasheet HTML 7Page - Texas Instruments THS7313 Datasheet HTML 8Page - Texas Instruments THS7313 Datasheet HTML 9Page - Texas Instruments THS7313 Datasheet HTML 10Page - Texas Instruments THS7313 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
www.ti.com
TIMING REQUIREMENTS
(1)
tw(H)
tw(L)
tr
tf
tsu(1)
th(1)
SCL
SDA
tsu(2)
th(2)
tsu(3)
t(buf)
SCL
SDA
Start Condition
Stop Condition
THS7313
SLOS483 – NOVEMBER 2005
V
S+ = 2.7 V to 5 V
STANDARD MODE
FAST MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
fSCL
Clock frequency, SCL
0
100
0
400
kHz
tw(H)
Pulse duration, SCL high
4
0.6
µs
tw(L)
Pulse duration, SCL low
4.7
1.3
µs
tr
Rise time, SCL and SDA
1000
300
ns
tf
Fall time, SCL and SDA
300
300
ns
tsu(1)
Setup time, SDA to SCL
250
100
ns
th(1)
Hold time, SCL to SDA
0
0
ns
t(buf)
Bus free time between stop and start conditions
4.7
1.3
µs
tsu(2)
Setup time, SCL to start condition
4.7
0.6
µs
th(2)
Hold time, start condition to SCL
4
0.6
µs
tsu(3)
Setup time, SCL to stop condition
4
0.6
µs
Cb
Capacitive load for each bus line
400
400
pF
(1)
The THS7313 I2C address = 01011(A1)(A0)(R/W). See the application information section for more information.
Figure 2. SCL and SDA Timing
Figure 3. Start and Stop Conditions
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com