Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 7Page - Texas Instruments THS7313 Datasheet HTML 8Page - Texas Instruments THS7313 Datasheet HTML 9Page - Texas Instruments THS7313 Datasheet HTML 10Page - Texas Instruments THS7313 Datasheet HTML 11Page - Texas Instruments THS7313 Datasheet HTML 12Page - Texas Instruments THS7313 Datasheet HTML 13Page - Texas Instruments THS7313 Datasheet HTML 14Page - Texas Instruments THS7313 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
www.ti.com
−80
−75
−70
−65
−60
−55
−45
−40
−50
0
0.5
1
1.5
2
2.5
3
V − Output V
O
oltage − VPP
V = 3.3 V,
f
S
= 1 MHz,
R
= 150
|| 13 pF
L
W
−100
−90
−80
−70
−60
−50
−40
0
0.5
1
1.5
2
2.5
3
V − Output Voltage − V
O
PP
V = 3.3 V,
f
S
= 1 MHz,
R
= 150
|| 13 pF
L
W
−70
−60
−50
−40
−30
−20
−10
0
10
0.1
1
10
100
1000
f − Frequency − MHz
V = 3.3 V,
V = 0.2 V
,
S
O
PP
R = 150
|| C
L
L
W
C = 35 pF
L
C = 23 pF
L
C = 13 pF
L
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
−100
0
100
200
300
400
500
600
800
700
t − Time − ns
V = 3.3 V,
R
S
L = 150
|| 13 pF
W
t - Time = 1000 ns/div
CVBS
Chroma
Luma
V
= 3.3 V
S
t - Time = 100 ns/div
V
= 3.3 V
S
R’
B’
G’
THS7313
SLOS483 – NOVEMBER 2005
TYPICAL CHARACTERISTICS (continued)
HD2 vs OUTPUT VOLTAGE
HD3 vs OUTPUT VOLTAGE
Figure 10.
Figure 11.
SMALL SIGNAL FREQUENCY RESPONSE vs CAPACITIVE
LARGE SIGNAL PULSE RESPONSE
LOAD
Figure 12.
Figure 13.
NTSC NTC7 COMPOSITE RESPONSE
480i G'B'R' PULSE RESPONSE
Figure 14.
Figure 15.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com