Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 13Page - Texas Instruments THS7313 Datasheet HTML 14Page - Texas Instruments THS7313 Datasheet HTML 15Page - Texas Instruments THS7313 Datasheet HTML 16Page - Texas Instruments THS7313 Datasheet HTML 17Page - Texas Instruments THS7313 Datasheet HTML 18Page - Texas Instruments THS7313 Datasheet HTML 19Page - Texas Instruments THS7313 Datasheet HTML 20Page - Texas Instruments THS7313 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATING VOLTAGE
INPUT VOLTAGE
INPUT OVERVOLTAGE PROTECTION
THS7313
SLOS483 – NOVEMBER 2005
The THS7313 is targeted for video output buffer applications. Although it can be used for numerous other
applications, the needs and requirements of the video signal are the most important design parameters of the
THS7313. Built on the complimentary silicon germanium (SiGe) BiCom-3 process, the THS7313 incorporates
many features not typically found in integrated video parts while consuming low power. Each channel
configuration is completely independent of the other channels. This allows for configurations for each channel to
be dictated by the end user and not device. The resulting highly flexible system contains the following features:
•
I2C Interface for easy interfacing to the system.
•
Single-supply 2.7-V to 5-V operation with low total quiescent current of 16.6 mA with 3.3-V supply and 18.9
mA with 5-V supply.
•
2:1 input MUX.
•
Input configuration accepting dc, dc + 135 mV shift, ac bias, or ac sync-tip clamp selection.
•
5th order low-pass filter for DAC reconstruction or ADC image rejection :
– 8-MHz for SDTV NTSC/PAL/SECAM, S-Video, component 480i/576i Y’P’BP’R, and G'B'R' (R'G'B') signals.
•
Internal fixed gain of 2 V/V (6 dB) buffer that can drive 2 video lines with dc coupling, traditional ac coupling,
or SAG corrected ac coupling.
•
Shutdown mode which reduces quiescent current to as low as 0.1-
µA or a mute function that keeps the
THS7313 powered on, but does not allow a signal to pass through.
•
Signal flow-through configuration using a 20-pin TSSOP package that complies with the latest lead-free
(RoHS compatible) and green manufacturing requirements.
The THS7313 is designed to operate from 2.7 V to 5 V over a -40
°C to 85°C temperature range. The impact on
performance over the entire temperature range is negligible due to the implementation of thin film resistors and
low-temperature coefficient capacitors.
The power supply pins should have a 0.1-
µF to 0.01-µF capacitor placed as close as possible to these pins.
Failure to do so may result in the THS7313 outputs ringing or oscillating. Additionally, a large capacitor, such as
22
µF to 100 µF, should be placed on the power supply line to minimize issues with 50/60 Hz line frequencies.
The THS7313 input range allows for an input signal range from Ground to (VS+– 1.4 V). But, due to the internal
fixed gain of 2 V/V (6 dB), the output is the limiting factor for the allowable linear input range. For example, with a
5-V supply, the linear input range is from GND to 3.6 V. But due to the gain, the linear output range limits the
allowable linear input range to be from GND to a maximum of 2.5 V.
The THS7313 is built using a high-speed complementary bipolar and CMOS process. The internal junction
breakdown voltages are low for these very small geometry devices. These breakdowns are reflected in the
Absolute Maximum Ratings table. All input and output device pins are protected with internal ESD protection
diodes to the power supplies, as shown in Figure 46.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com