Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 35Page - Texas Instruments THS7313 Datasheet HTML 36Page - Texas Instruments THS7313 Datasheet HTML 37Page - Texas Instruments THS7313 Datasheet HTML 38Page - Texas Instruments THS7313 Datasheet HTML 39Page - Texas Instruments THS7313 Datasheet HTML 40Page - Texas Instruments THS7313 Datasheet HTML 41Page - Texas Instruments THS7313 Datasheet HTML 42Page - Texas Instruments THS7313 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
www.ti.com
THS7313
SLOS483 – NOVEMBER 2005
Table 4. Bill Of Materials (continued)
SMD
REFERENCE
PCB
MANUFACTURER'S
DISTRIBUTER'S
ITEM
DESCRIPTION
SIZE
DESIGNATOR
QUANTITY
PART NUMBER(1)
PART NUMBER
(ROHM)
19
RESISTOR, 10 OHM, 1/8W, 1%
0805
R39, R44, R45, R52
4
(DIGI-KEY) RHM10.0CCT-ND
MCR10EZHF10R0
RESISTOR, 27.4 OHM, 1/8W,
20
0805
R30, R31
2
(ROHM) MCR10EZHF27.4
(DIGI-KEY) RHM27.4CCT-ND
1%
R5, R8, R10, R11,
21
RESISTOR, 75 OHM, 1/8W, 1%
0805
R12, R14, R17, R18,
9
(ROHM) MCR10EZHF75.0
(DIGI-KEY) RHM75.0CCT-ND
R22
(ROHM)
22
RESISTOR, 100 OHM, 1/8W, 1%
0805
R50
1
(DIGI-KEY) RHM100CCT-ND
MCR10EZHF1000
(ROHM)
23
RESISTOR, 200 OHM, 1/8W, 1%
0805
R26, R27
2
(DIGI-KEY) RHM200CCT-ND
MCR10EZHF2000
(ROHM)
24
RESISTOR, 649 OHM, 1/8W, 1%
0805
R33, R60
2
(DIGI-KEY) RHM649CCT-ND
MCR10EZHF0649
RESISTOR, 1.0K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
25
0805
R29
1
1%
MCR10EZHF1001
RHM1.00KCCT-ND
RESISTOR, 1.5K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
26
0805
R32
1
1%
MCR10EZHF1501
RHM1.50KCCT-ND
RESISTOR, 2.21K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
27
0805
R34, R35
2
1%
MCR10EZHF2211
RHM2.21KCCT-ND
RESISTOR, 3.09K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
28
0805
R43
1
1%
MCR10EZHF3091
RHM3.09KCCT-ND
RESISTOR, 10K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
29
0805
R24, R25, R40, R42
4
1%
MCR10EZHF1002
RHM10.0KCCT-ND
RESISTOR, 20K OHM, 1/8W,
(ROHM)
(DIGI-KEY)
30
0805
R46
1
1%
MCR10EZHF2002
RHM20.0KCCT-ND
(LITE-ON)
31
LED, GREEN
0805
D1
1
(DIGI-KEY) 160-1423-1-ND
LTST-C171GKT
32
LED, YELLOW
0805
D2
1
(LITE-ON) LTST-C171YKT
(DIGI-KEY) 160-1431-1-ND
33
IC, CONV, SERIAL TO USB
U3
1
(TI) TAS1020BPFB
(DIGI-KEY) TAS1020BPFB
(MICROCHIP)
34
IC, SERIAL, EEPROM, 64K
8-SOIC
U2
1
(DIGI-KEY) 24LC64-I/SN-ND
24LC64-I/SN
(CITIZEN)
35
CRYSTAL, 6.00MHz., SMT
HCM49
X1
1
(DIGI-KEY) 300-6112-1-ND
HCM49-6.000MABJT
36
OPEN
SOT-23
U4, U5
2
JACK, BANANA RECEPTANCE,
37
J4, J5, J16, J17
4
(SPC) 813
(NEWARK) 39N867
0.25" DIA. HOLE
(DIGI-KEY)
38
SWITCH, SMD GULL WING
4MM
S1
1
(BOURNS) 7914G-1-000E
7914G-000ETR-ND
39
CONNECTOR, RCA, JACK, R/A
J1, J2, J12
3
(CUI) RCJ-32265
(DIGI-KEY) CP-1446-ND
CONNECTOR, USB, RTANG,
40
B
J15
1
(ASSMANN) AU-Y1007
(DIGI-KEY) AE1085-ND
FEMALE
CONNECTOR, BNC, JACK, 75
J3, J6, J7, J8, J9,
(AMPHENOL)
41
9
(NEWARK) 93F7554
OHM
J10, J11, J13, J14
31-5329-72RFX
HEADER, 0.1" CTRS, 0.025" SQ.
42
2 POS.
JP1, JP2, JP3
3
(SULLINS) PZC36SAAN
(DIGI-KEY) S1011-36-ND
PINS
43
SHUNTS
JP1, JP2, JP3
3
(SULLINS) SSC02SYAN
(DIGI-KEY) S9002-ND
TP1, TP2, TP5, TP6,
44
TEST POINT, RED
5
(KEYSTONE) 5000
(DIGI-KEY) 5000K-ND
TP7
45
TEST POINT, BLACK
TP3, TP4
2
(KEYSTONE) 5001
(DIGI-KEY) 5001K-ND
46
IC, THS7313
U1
1
(TI) THS7313PW
STANDOFF, 4-40 HEX, 0.625"
47
4
(KEYSTONE) 1808
(NEWARK) 89F1934
LENGTH
48
SCREW, PHILLIPS, 4-40, .250"
4
(BF) PMS 440 0031 PH
(DIGI-KEY) H343-ND
49
BOARD, PRINTED CIRCUIT
1
EDGE # 6469006 REV.B
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com