Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 10Page - Texas Instruments THS7313 Datasheet HTML 11Page - Texas Instruments THS7313 Datasheet HTML 12Page - Texas Instruments THS7313 Datasheet HTML 13Page - Texas Instruments THS7313 Datasheet HTML 14Page - Texas Instruments THS7313 Datasheet HTML 15Page - Texas Instruments THS7313 Datasheet HTML 16Page - Texas Instruments THS7313 Datasheet HTML 17Page - Texas Instruments THS7313 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
www.ti.com
40
45
50
55
60
65
70
75
80
85
90
0.1
1
10
100
f − Frequency − MHz
V = 5 V
V = 200 mV
S
O
PP
R = 150
|| 13 pF
L
W
−360
−315
−270
−225
−180
−135
−90
−45
0
45
0.1
1
10
100
VS = 5 V,
VO = 200 mVPP,
RL = 150
|| 13 pF
W
f − Frequency − MHz
0
0.04
0.02
0.08
0.06
0.12
0.1
0.16
0.14
0.18
0.2
1st
2nd
3rd
4th
5th
6th
NTSC
PAL
V = 5 V
R = 150
|| 13 pF
S
L
W
0
0.04
0.02
0.08
0.06
0.12
0.1
0.16
0.14
0.18
0.2
1st
2nd
3rd
4th
5th
6th
NTSC
PAL
V = 5 V
R = 150
|| 13 pF
S
L
W
−80
−75
−70
−65
−60
−55
−50
0.1
1
10
f − Frequency − MHz
V = 5 V,
V = 2 V
,
S
O
PP
R = 150
|| 13 pF
L
W
−100
−95
−90
−85
−80
−75
−70
0.1
1
10
f − Frequency − MHz
V = 5 V,
V = 2 V
,
S
O
PP
R = 150
|| 13 pF
L
W
THS7313
SLOS483 – NOVEMBER 2005
TYPICAL CHARACTERISTICS (continued)
GROUP DELAY vs FREQUENCY
PHASE vs FREQUENCY
Figure 28.
Figure 29.
5 V DIFFERENTIAL GAIN
5 V DIFFERENTIAL PHASE
Figure 30.
Figure 31.
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 32.
Figure 33.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com