Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 14Page - Texas Instruments THS7313 Datasheet HTML 15Page - Texas Instruments THS7313 Datasheet HTML 16Page - Texas Instruments THS7313 Datasheet HTML 17Page - Texas Instruments THS7313 Datasheet HTML 18Page - Texas Instruments THS7313 Datasheet HTML 19Page - Texas Instruments THS7313 Datasheet HTML 20Page - Texas Instruments THS7313 Datasheet HTML 21Page - Texas Instruments THS7313 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
www.ti.com
External
Input/
Output
Pin
Internal
Circuitry
VS+
TYPICAL CONFIGURATION and VIDEO TERMINOLOGY
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
Figure 46. Internal ESD Protection
These diodes provide moderate protection to input overdrive voltages above and below the supplies. The
protection diodes can typically support 30-mA of continuous current when overdriven.
A typical application circuit using the THS7313 as a video buffer is shown in Figure 47. It shows a DAC (or
encoder such as the THS8200) driving the three input channels of the THS7313. Although the S-Video Y' and C'
channels and the composite video baseband signal (CVBS) channel of a standard definition video (SD) system
are shown, these channels can also be the Y’P’BP’R (sometimes labeled Y’U’V’ or incorrectly labeled Y’C’BC’R)
signals of a 480i or 576i system. These signals could be G’B’R’ (R'G'B') signals or other variations. Note that for
computer signals the sync should be embedded within the signal for a system with only 3-outputs. This is
sometimes labeled as R’G’sB’ (sync on green) or R’sG’sB’s (sync on all signals).
The second set of inputs (B-Channels) shown are being driven from an external input typically used as a
pass-through function. These are traditional SD or professional G’B’R’ video signals. The THS7313’s flexibility
allows for almost any input signal to be driven into the THS7313 regardless of the other set of inputs. Control of
the I2C configures the THS7313. For example, the THS7313 can be configured to have Channel 1 Input
connected to input A while Channels 2 and 3 are connected to input B. The various sections explaining the I2C
interface later in this data sheet.
Note that the Y’ term is used for the luma channels throughout this document rather than the more common
luminance (Y) term. The reason is to account for the definition of luminance as stipulated by the CIE -
International Commission on Illumination. Video departs from true luminance since a nonlinear term, gamma, is
added to the true GBR signals to form G’B’R’ signals. These G’B’R’ signals are then used to mathematically
create luma (Y’). Thus luminance (Y) is not maintained providing a difference in terminology.
This rationale is also used for the chroma (C’) term. Chroma is derived from the nonlinear G’B’R’ terms and thus
it is nonlinear. Chominance (C) is derived from linear GBR giving the difference between chroma (C’) and
chrominance (C). The color difference signals (P’B / P’R / U’ / V’) are also referenced this way to denote the
nonlinear (gamma corrected) signals.
R’G’B’ (commonly mislabeled RGB) is also called G’B’R’ (again commonly mislabeled as GBR) in professional
video systems. The SMPTE component standard stipulates that the luma information is placed on the first
channel, the blue color difference is placed on the second channel, and the red color difference signal is placed
on the third channel. This is consistent with the Y'P'BP'R nomenclature. Because the luma channel (Y') carries the
sync information and the green channel (G') also carries the sync information, it makes logical sense that G' be
placed first in the system. Since the blue color difference channel (P'B) is next and the red color difference
channel (P'R) is last, then it also makes logical sense to place the B' signal on the second channel and the R'
signal on the third channel respectfully. Thus, hardware compatibility is better achieved when using G'B'R' rather
than R'G'B'. Note that for many G'B'R' systems, sync is embeded on all three channels; however, this may not be
true in all systems.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com