Electronic Components Datasheet Search
  English  ▼

X  

THS7313 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS7313
Description  3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7313 Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7313 Datasheet HTML 19Page - Texas Instruments THS7313 Datasheet HTML 20Page - Texas Instruments THS7313 Datasheet HTML 21Page - Texas Instruments THS7313 Datasheet HTML 22Page - Texas Instruments THS7313 Datasheet HTML 23Page - Texas Instruments THS7313 Datasheet HTML 24Page - Texas Instruments THS7313 Datasheet HTML 25Page - Texas Instruments THS7313 Datasheet HTML 26Page - Texas Instruments THS7313 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
www.ti.com
THS7313
SLOS483 – NOVEMBER 2005
APPLICATION INFORMATION (continued)
When the ac sync-tip-clamp (STC) operation is used, there must also be some finite amount of discharge bias
current. As previously described, if the input signal goes below the 135-mV clamp level, the internal loop of the
THS7313 sources current to increase the voltage appearing at the input pin. As the difference between the signal
level and the 135-mV reference level increases, the amount of source current increases proportionally –
supplying up to 2-mA of current. Thus the time to re-establish the proper STC voltage can be fast. If the
difference is small, then the source current is also small to account for minor voltage droop.
But, what happens if the input signal goes above the 135-mV input level? The problem is the video signal is
always above this level and must not be altered in any way. But, if the Sync level of the input signal is above the
135-mV level, then the internal discharge (sink) current reduces the ac-coupled bias signal to the proper 135-mV
level.
This discharge current must not be large enough to alter the video signal appreciably or picture quality issues
may arise. This is often seen by looking at the tilt (droop) of a constant luma signal being applied, and looking at
the resulting output level. The associated change in luma level from the beginning of the video line to the end of
the video line is the amount of line tilt (droop). The amount of tilt can be seen by the general formula:
I = C dV/dt
where I is the discharge current and C is the external coupling capacitor which is typically 0.1
µF. If the current (I)
and the capacitor (C) are constant, then the tilt is governed by:
i/C = dV/dt
If the discharge current is small the amount of tilt is low which is good. But, the amount of time for the system to
capture the sync signal could be too long. This is also termed hum rejection. Hum arises from the ac line voltage
frequency of 50 Hz or 60 Hz. The value of the discharge current and the ac-coupling capacitor combine to dictate
the hum rejection and the amount of line tilt.
Because many users have different thoughts as to the proper amount of hum rejection and line tilt, the THS7313
has incorporated a variable sink bias current selectable through the I2C interface. The Low Bias mode selects
about 1.8-
µA of dc sink bias current for low line tilt. But, if more hum rejection is desired, then selecting the Mid
Bias mode increases the dc sink bias current to about 5.8
µA. For severe environments, the high bias mode has
about 7.8
µA of dc sink bias current. This drawback to these higher bias modes is an increase in line tilt, but with
an increase in hum rejection. The other method to change the hum rejection and line tilt is to change the input
capacitor used. An increase in the capacitor from 0.1
µF to 0.22 µF decreases the hum rejection and line tilt by a
factor of 2.2. A decrease of this input capacitor accomplishes the opposite effect. Note that the amplifier input
bias current of nominally 0.6
µA has already been taken into account when stipulating the 1.8-µA/5.8-µA/7.8-µA
current sink values.
The input impedance of the THS7313 in ac STC mode is typically >1 M
Ω. When the STC control loop needs to
source current to increase the bias voltage up to 135 mV, the impedance is altered. But, this typically happens
quickly and only on the sync signals such that it does not alter the video signal impedance.
To ensure proper stability of the ac STC control loop, the source impedance must be less than 600-
Ω with the
input capacitor in place. Otherwise, there is a possibility of the control loop ringing. The ringing appears on the
output of the THS7313. Similar to the dc modes of operation, many DACs and Encoders use a resistor to
establish the output voltage. These resistors are typically less than 300
Ω. Thus, stability of the ac STC loop is
ensured. But, if the source impedance looking from the THS7313 input perspective is high or open, then adding
a 300-
Ω resistor to GND ensures proper operation of the THS7313.
If a MUX channel is not required in the system, then it is recommended to place a 75-
Ω resistor to GND. This is
not required, but helps minimize any potential issues.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com