Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 148 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 144Page - NXP Semiconductors IMX7DCEC Datasheet HTML 145Page - NXP Semiconductors IMX7DCEC Datasheet HTML 146Page - NXP Semiconductors IMX7DCEC Datasheet HTML 147Page - NXP Semiconductors IMX7DCEC Datasheet HTML 148Page - NXP Semiconductors IMX7DCEC Datasheet HTML 149Page - NXP Semiconductors IMX7DCEC Datasheet HTML 150Page - NXP Semiconductors IMX7DCEC Datasheet HTML 151Page - NXP Semiconductors IMX7DCEC Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
148
D21
LCD_DATA00
NVCC_LCD
GPIO
ALT5
GPIO3_IO[5]
100K PD
A22
LCD_DATA01
NVCC_LCD
GPIO
ALT5
GPIO3_IO[6]
100K PD
B22
LCD_DATA02
NVCC_LCD
GPIO
ALT5
GPIO3_IO[7]
100K PD
A23
LCD_DATA03
NVCC_LCD
GPIO
ALT5
GPIO3_IO[8]
100K PD
C22
LCD_DATA04
NVCC_LCD
GPIO
ALT5
GPIO3_IO[9]
100K PD
B23
LCD_DATA05
NVCC_LCD
GPIO
ALT5
GPIO3_IO[10]
100K PD
A24
LCD_DATA06
NVCC_LCD
GPIO
ALT5
GPIO3_IO[11]
100K PD
F20
LCD_DATA07
NVCC_LCD
GPIO
ALT5
GPIO3_IO[12]
100K PD
E21
LCD_DATA08
NVCC_LCD
GPIO
ALT5
GPIO3_IO[13]
100K PD
C23
LCD_DATA09
NVCC_LCD
GPIO
ALT5
GPIO3_IO[14]
100K PD
B24
LCD_DATA10
NVCC_LCD
GPIO
ALT5
GPIO3_IO[15]
100K PD
G20
LCD_DATA11
NVCC_LCD
GPIO
ALT5
GPIO3_IO[16]
100K PD
F21
LCD_DATA12
NVCC_LCD
GPIO
ALT5
GPIO3_IO[17]
100K PD
E22
LCD_DATA13
NVCC_LCD
GPIO
ALT5
GPIO3_IO[18]
100K PD
D23
LCD_DATA14
NVCC_LCD
GPIO
ALT5
GPIO3_IO[19]
100K PD
C24
LCD_DATA15
NVCC_LCD
GPIO
ALT5
GPIO3_IO[20]
100K PD
B25
LCD_DATA16
NVCC_LCD
GPIO
ALT5
GPIO3_IO[21]
100K PD
G21
LCD_DATA17
NVCC_LCD
GPIO
ALT5
GPIO3_IO[22]
100K PD
E23
LCD_DATA18
NVCC_LCD
GPIO
ALT5
GPIO3_IO[23]
100K PD
D24
LCD_DATA19
NVCC_LCD
GPIO
ALT5
GPIO3_IO[24]
100K PD
C25
LCD_DATA20
NVCC_LCD
GPIO
ALT5
GPIO3_IO[25]
100K PD
E24
LCD_DATA21
NVCC_LCD
GPIO
ALT5
GPIO3_IO[26]
100K PD
D25
LCD_DATA22
NVCC_LCD
GPIO
ALT5
GPIO3_IO[27]
100K PD
G23
LCD_DATA23
NVCC_LCD
GPIO
ALT5
GPIO3_IO[28]
100K PD
F25
LCD_ENABLE
NVCC_LCD
GPIO
ALT5
GPIO3_IO[1]
100K PD
E25
LCD_HSYNC
NVCC_LCD
GPIO
ALT5
GPIO3_IO[2]
100K PD
C21
LCD_RESET
NVCC_LCD
GPIO
ALT5
GPIO3_IO[4]
100K PD
F24
LCD_VSYNC
NVCC_LCD
GPIO
ALT5
GPIO3_IO[3]
100K PD
A15
MIPI_CSI_CLK_N
MIPI_VDDA_1P8
MIPI_CSI_CLK_N
B15
MIPI_CSI_CLK_P
MIPI_VDDA_1P8
MIPI_CSI_CLK_P
A16
MIPI_CSI_D0_N
MIPI_VDDA_1P8
MIPI_CSI_D0_N
B16
MIPI_CSI_D0_P
MIPI_VDDA_1P8
MIPI_CSI_D0_P
Table 102. i.MX 7Dual 19 x 19 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com